Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 35Page - Dialog Semiconductor AT25SF321 Datasheet HTML 36Page - Dialog Semiconductor AT25SF321 Datasheet HTML 37Page - Dialog Semiconductor AT25SF321 Datasheet HTML 38Page - Dialog Semiconductor AT25SF321 Datasheet HTML 39Page - Dialog Semiconductor AT25SF321 Datasheet HTML 40Page - Dialog Semiconductor AT25SF321 Datasheet HTML 41Page - Dialog Semiconductor AT25SF321 Datasheet HTML 42Page - Dialog Semiconductor AT25SF321 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
38
AT25SF321
DS-25SF321–047F–8/2017
tCSHH
Chip Select High Hold Time (relative to Clock)
5
5
ns
tDS
Data In Setup Time
2
2
ns
tDH
Data In Hold Time
2
2
ns
tDIS(1)
Output Disable Time
7
6
ns
tV
Output Valid Time (03h, 0Bh)
7
6
ns
Output Valid Time (3Bh, BBh - Dual)
7
7
Output Valid Time (6Bh, EBh - Quad)
8
8
tOH
Output Hold Time
0
0
ns
tHLS
HOLD Low Setup Time (relative to Clock)
5
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
5
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
5
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
5
5
ns
tHLQZ (1)
HOLD Low to Output High-Z
6
6
ns
tHHQZ(1)
HOLD High to Output High-Z
6
6
ns
tWPS(1) (2)
Write Protect Setup Time
20
20
ns
tWPH(1)(2)
Write Protect Hold Time
100
100
ns
tEDPD
(1)
Chip Select High to Deep Power-Down
1
1
µs
tRDPD
(1)
Chip Select High to Standby Mode
5
5
µs
tRDPO
(1)
Resume Deep Power-Down, CS High to ID
5
5
µs
1.
Not 100% tested (value guaranteed by design and characterization).
2.
Only applicable as a constraint for the Write Status Register command when BPL = 1.
12.6 Program and Erase Characteristics
Symbol
Parameter
2.5 to 3.6V
2.7V to 3.6V
Min
Typ
Max
Min
Typ
Max
Units
tPP
(1)
Page Program Time (256 Bytes)
0.7
5
0.7
3.0
ms
tBP
Byte Program Time
5
5
µs
tBLKE
(1)
Block Erase Time
4 Kbytes
60
300
60
300
ms
32 Kbytes
300
1300
300
1300
64 K bytes
500
3000
500
3000
tCHPE
(1) (2)
Chip Erase Time
25
60
25
60
sec
12.5 AC Characteristics - All Other Parameters
Symbol
Parameter
2.5V to 3.6V
2.7V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com