Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 18Page - Dialog Semiconductor AT25SF321 Datasheet HTML 19Page - Dialog Semiconductor AT25SF321 Datasheet HTML 20Page - Dialog Semiconductor AT25SF321 Datasheet HTML 21Page - Dialog Semiconductor AT25SF321 Datasheet HTML 22Page - Dialog Semiconductor AT25SF321 Datasheet HTML 23Page - Dialog Semiconductor AT25SF321 Datasheet HTML 24Page - Dialog Semiconductor AT25SF321 Datasheet HTML 25Page - Dialog Semiconductor AT25SF321 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
21
AT25SF321
DS-25SF321–047F–8/2017
8.3
Non-Volatile Protection
The device can be software protected against erroneous or malicious program or erase operations by utilizing the Non-
Volatile Protection feature of the device. Non-Volatile Protection can be enabled or disabled by using the Write Status
Register command to change the value of the Protection (CMP, SEC, TB, BP2, BP1, BP0) bits in the Status Register.
The following table outlines the states of the Protection bits and the associated protection area
.
Table 8-1.
Memory Array with CMP=0
Protection Bits
Memory Content
SEC
TB
BP2
BP1
BP0
Address Range
Portion
X
X
0
0
0
None
None
0
0
0
0
1
3F0000h-3FFFFFh
Upper 1/64
0
0
0
1
0
3E0000h-3FFFFFh
Upper 1/32
0
0
0
1
1
3C0000h-3FFFFFh
Upper 1/16
0
0
1
0
0
380000h-3FFFFFh
Upper 1/8
0
0
1
0
1
300000h-3FFFFFh
Upper 1/4
0
0
1
1
0
200000h-3FFFFFh
Upper 1/2
0
1
0
0
1
000000h-00FFFFh
Lower 1/64
0
1
0
1
0
000000h-01FFFFh
Lower 1/32
0
1
0
1
1
000000h-03FFFFh
Lower 1/16
0
1
1
0
0
000000h-07FFFFh
Lower 1/8
0
1
1
0
1
000000h-0FFFFFh
Lower 1/4
0
1
1
1
0
000000h-1FFFFFh
Lower 1/2
X
X
1
1
1
000000h-3FFFFFh
ALL
1
0
0
0
1
3FF000h-3FFFFFh
Upper 1/512
1
0
0
1
0
3FE000h-3FFFFFh
Upper 1/256
1
0
0
1
1
3FC000h-3FFFFFh
Upper 1/128
1
0
1
0
X
3F8000h-3FFFFFh
Upper 1/64
1
0
1
1
0
3F8000h-3FFFFFh
Upper 1/64
1
1
0
0
1
000000h-000FFFh
Lower 1/512
1
1
0
1
0
000000h-001FFFh
Lower 1/256
1
1
0
1
1
000000h-003FFFh
Lower 1/128
1
1
1
0
X
000000h-007FFFh
Lower 1/64
1
1
1
1
0
000000h-007FFFh
Lower 1/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com