Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 9Page - Dialog Semiconductor AT25SF321 Datasheet HTML 10Page - Dialog Semiconductor AT25SF321 Datasheet HTML 11Page - Dialog Semiconductor AT25SF321 Datasheet HTML 12Page - Dialog Semiconductor AT25SF321 Datasheet HTML 13Page - Dialog Semiconductor AT25SF321 Datasheet HTML 14Page - Dialog Semiconductor AT25SF321 Datasheet HTML 15Page - Dialog Semiconductor AT25SF321 Datasheet HTML 16Page - Dialog Semiconductor AT25SF321 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
12
AT25SF321
DS-25SF321–047F–8/2017
Figure 6-6. Quad-Output Read Array
6.5
Quad-I/O Read Array(EBh)
The Quad-I/O Read Array command is similar to the Quad-Output Read Array command. The Quad-I/O Read Array
command allows four bits of address to be clocked into the device on every clock cycle, rather than just one.
The Quad-I/O Read Array command can be used at any clock frequency, up to the maximum specified by fRDQO. To
perform the Quad-I/O Read Array operation, the CS pin must first be asserted and then the opcode EBh must be clocked
into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the location
of the first byte to read within the memory array. Following the three address bytes, a single mode byte must also be
clocked into the device.
After the three address bytes, the mode byte and two dummy bytes have been clocked in, additional clock cycles will
result in data being output on the I/O3-0 pins. The data is always output with the MSB of a byte first and the MSB is always
output on the I/O3 pin. During the first clock cycle, bit 7 of the first data byte will be output on the I/O3 pin while bits 6, 5,
and 4 of the same data byte will be output on the I/O2, I/O1 and I/O0 pins, respectively. During the next clock cycle, bits 3,
2, 1, and 0 of the first data byte will be output on the I/O3, I/O2, I/O1 and I/O0 pins, respectively. The sequence continues
with each byte of data being output after every two clock cycles.
When the last byte (3FFFFFh) of the memory array has been read, the device will continue reading from the beginning of
the array (000000h). No delays will be incurred when wrapping around from the end of the array to the beginning of the
array.Deasserting the CS pin will terminate the read operation and put the I/O3, I/O2, I/O1 and I/O0 pins into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.The
Quad Enable bit (QE) of the Status Register must be set to enable for the Quad-I/O Read Array instruction.
I/O0
(SI)
SCK
23
1
0
01101011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
AAAA
AAA
AA
XXXXXXXX
Address Bits A23-A0
Don't Care
Byte 1
OUT
Byte 2
OUT
Byte 3
OUT
Byte 4
OUT
Byte 5
OUT
I/O1
(SO)
High-impedance
D5 D1 D5 D1 D5 D1 D5 D1 D5 D1
I/O2
(WP)
High-impedance
D6 D2 D6 D2 D6 D2 D6 D2 D6 D2
I/O3
(HOLD)
MSB
MSB
MSB
MSB
MSB
High-impedance
D7 D3 D7 D3 D7 D3 D7 D3 D7 D3
D4 D0 D4 D0 D4 D0 D4 D0 D4 D0
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com