Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 34Page - Dialog Semiconductor AT25SF321 Datasheet HTML 35Page - Dialog Semiconductor AT25SF321 Datasheet HTML 36Page - Dialog Semiconductor AT25SF321 Datasheet HTML 37Page - Dialog Semiconductor AT25SF321 Datasheet HTML 38Page - Dialog Semiconductor AT25SF321 Datasheet HTML 39Page - Dialog Semiconductor AT25SF321 Datasheet HTML 40Page - Dialog Semiconductor AT25SF321 Datasheet HTML 41Page - Dialog Semiconductor AT25SF321 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
37
AT25SF321
DS-25SF321–047F–8/2017
ILI
Input Load Current
All inputs at CMOS levels
1
1
µA
ILO
Output Leakage Current
All inputs at CMOS levels
1
1
µA
VIL
Input Low Voltage
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 1.6mA; VCC = 2.5V
0.4
V
VOH
Output High Voltage
IOH = -100µA
VCC - 0.2V
V
1.
Typical values measured at 3.0V @ 25°C for the 2.5V to 3.6V range
12.4 AC Characteristics - Maximum Clock Frequencies
Symbol
Parameter
2.5V to 3.6V
2.7V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
fCLK
Maximum Clock Frequency for All Operations
(excluding opcodes below)
104
104
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
50
50
MHz
fRDHF
Maximum Clock Frequency for 0Bh Opcode
70
85
MHz
fRDDO
Maximum Clock Frequency for 3B, BBh
Opcode
70
85
MHz
fRDQO
Maximum Clock Frequency for 6B, EBh
Opcode
70
85
MHz
12.5 AC Characteristics - All Other Parameters
Symbol
Parameter
2.5V to 3.6V
2.7V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
tCLKH
Clock High Time
5
5
ns
tCLKL
Clock Low Time
5
5
ns
tCLKR
(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCSH
Chip Select High Time
10
10
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
5
5
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
5
5
ns
tCSHS
Chip Select High Setup Time (relative to Clock)
5
5
ns
Symbol
Parameter
Condition
2.5V to 3.6V
Units
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com