Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 33Page - Dialog Semiconductor AT25SF321 Datasheet HTML 34Page - Dialog Semiconductor AT25SF321 Datasheet HTML 35Page - Dialog Semiconductor AT25SF321 Datasheet HTML 36Page - Dialog Semiconductor AT25SF321 Datasheet HTML 37Page - Dialog Semiconductor AT25SF321 Datasheet HTML 38Page - Dialog Semiconductor AT25SF321 Datasheet HTML 39Page - Dialog Semiconductor AT25SF321 Datasheet HTML 40Page - Dialog Semiconductor AT25SF321 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
36
AT25SF321
DS-25SF321–047F–8/2017
12.
Electrical Specifications
12.3 DC Characteristics
12.1 Absolute Maximum Ratings*
Temperature under Bias. . . . . . . . . . . . . -55
°C to +125°C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature . . . . . . . . . . . . . . . -65
°C to +150°C
All Input Voltages (including NC Pins)
with Respect to Ground . . . . . . . . . . . . . . -0.6V to +4.1V
All Output Voltages
with Respect to Ground . . . . . . . . . . -0.6V to VCC + 0.5V
12.2 DC and AC Operating Range
AT25SF321
Operating Temperature (Case)
Industrial
-40
°C to 85°C
VCC Power Supply
2.5V to 3.6V
Symbol
Parameter
Condition
2.5V to 3.6V
Units
Min
Typ
Max
IDPD
Deep Power-Down Current
CS, HOLD, WP = VIH
All inputs at CMOS levels
2
5
µA
ISB
Standby Current
CS, HOLD, WP = VIH
All inputs at CMOS levels
13
25
µA
ICC1
(1)(3)
Active Current, Read (03h,
0Bh) Operation
f = 20MHz; IOUT = 0mA
3
6
mA
f = 50MHz; IOUT = 0mA
4
7
mA
f = 85MHz; IOUT = 0mA
5
8
mA
ICC2
(1)
Active Current,(3Bh, BBh
Read Operation (Dual)
f = 50MHz; IOUT = 0mA
5
8
mA
f = 85MHz; IOUT = 0mA
6
10
mA
ICC3
(1)
Active Current,(6Bh, EBh
Read Operation (Quad)
f = 50MHz; IOUT = 0mA
6
10
mA
f = 85MHz; IOUT = 0mA
8
14
mA
ICC4(1)
Active Current,
Program Operation
CS = VCC
10
16
mA
ICC5(1)
Active Current,
Erase Operation
CS = VCC
10
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com