Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/A Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8553DTT/A
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/A Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8553DTT/A Datasheet HTML 27Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 28Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 29Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 30Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 31Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 32Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 33Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 34Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
14 Characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 5.5 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
1.8
-
5.5
V
ffr = 64 Hz; no bus activity
VDD = 3.3 V; Tamb =
25 °C
-
0.6
-
µA
IDD
supply current
VDD = 5.5 V; Tamb =
85 °C
-
1.2
2.7
µA
ffr = 64 Hz; no bus activity
[1]
VLCD = 5.5 V; Tamb =
85 °C; BOOST = 0;
no display load
-
3.2
4.5
µA
VLCD = 3.3 V; Tamb =
25 °C
BOOST = 0;
no display load
-
2.5
-
µA
BOOST = 0;
display enabled;
display load CL = 1.6 nF
-
5.0
-
µA
IDD(LCD)
LCD supply current
BOOST = 1;
display enabled;
display load CL = 1.6 nF
-
6.0
-
µA
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
[2] 0.7VDD
-
VDD
V
output sink current; VOL =
0.4 V; VDD = 5 V
on pin CLK
2
-
-
mA
on pin SDIO
2
-
-
mA
IOL
LOW-level output current
on pin SDA
3
-
-
mA
IOH
HIGH-level output current
output source current;
on pins SDIO, CLK; VOH =
4.6 V; VDD = 5 V
2
-
-
mA
any input pin except for RST
-
0
-
nA
IL
leakage current
after ESD event
-500
-
+500
nA
Rpu(RST_n) pull-up resistance on pin
RST_N
-
100
-
kΩ
LCD outputs (pins SEG0 to SEG39 and COM0 to COM3)
ΔVo
output voltage variation
VLCD = 5 V
-100
-
+100
mV
Table 17. Electrical characteristics
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
31 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com