Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/A Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8553DTT/A
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/A Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8553DTT/A Datasheet HTML 30Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 31Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 32Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 33Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 34Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 35Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 36Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 37Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
aaa-012360
32
64
96
128
160
0
2
4
6
8
ffr (Hz)
IDD(LCD)
IDD(LCD)
(μA)
(μA)
(2)
(2)
(1)
(1)
(4)
(4)
(3)
(3)
(6)
(6)
(5)
(5)
(8)
(8)
(7)
(7)
Tamb = 25 °C; VLCD = 3.3 V; VDD = 3.3 V; ffr = 64 Hz, BOOST = 0, CL = 1.6 nF.
1. Static, all segments/elements off.
2. Static, all segments/elements on.
3. MUX 1:2, bias level 1⁄2, all segments/elements off.
4. MUX 1:2, bias level 1⁄2, all segments/elements on.
5. MUX 1:3, bias level 1⁄3, all segments/elements off.
6. MUX 1:3, bias level 1⁄3, all segments/elements on.
7. MUX 1:4, bias level 1⁄3, all segments/elements off.
8. MUX 1:4, bias level 1⁄3, all segments/elements on.
Figure 24. Typical IDD(LCD) as function of ffr
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 5.5 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FF[1:0] = 00
-
32
-
Hz
FF[1:0] = 01
42
64
86
Hz
FF[1:0] = 10
-
96
-
Hz
ffr
frame frequency
FF[1:0] = 11
-
128
-
Hz
fclk(int)
internal clock frequency
ffr = 64 Hz, nMUX = 4
[1] -
1024
-
Hz
fclk(ext)
external clock frequency
[1] -
-
4096
Hz
tclk(H)
HIGH-level clock time
external clock
60
-
-
µs
tclk(L)
LOW-level clock time
external clock
60
-
-
µs
tw(rst)
reset pulse width
on pin RST
10
-
-
µs
Table 18. Frequency characteristics
[1]
or
respectively (see Table 5 and Table 6).
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
34 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com