Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/A Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8553DTT/A
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/A Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8553DTT/A Datasheet HTML 32Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 33Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 34Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 35Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 36Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 37Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 38Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 39Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; unless otherwise specified; all timing values are valid within the
operating supply voltage and Tamb range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time of both SDA and
SCL signals
fSCL = 400 kHz
-
-
0.3
µs
tf
fall time of both SDA and
SCL signals
-
-
0.3
µs
Cb
capacitive load for each
bus line
-
-
400
pF
tw(spike)
spike pulse width
on the I2C-bus
-
-
50
ns
Table 19. I2C-bus characteristics...continued
[1]
The I2C-bus interface of PCF8553 is 5 V tolerant.
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT
Figure 26. I2C-bus timing waveforms
VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; unless otherwise specified; all timing values are valid within the
operating supply voltage and Tamb range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pin SCL
fSCL
SCL clock frequency
-
-
5
MHz
tLOW
LOW period of the SCL
clock
150
-
-
ns
tHIGH
HIGH period of the SCL
clock
80
-
-
ns
tr
rise time
-
-
100
ns
tf
fall time
-
-
100
ns
Pin CE
Table 20. SPI-bus characteristics
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
36 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com