Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8553DTT/A
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/A Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8553DTT/A Datasheet HTML 1Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 2Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 3Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 4Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 5Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 6Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 7Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 8Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
PCF8553
40 × 4 LCD segment driver
Rev. 4 — 20 April 2021
Product data sheet
1 General description
PCF8553 is an ultra low-power LCD segment driver with 4 backplane- and 40 segment-
driver outputs, with either an I2C- or an SPI-bus interface. It comprises an internal
oscillator, bias generation, instruction decoding, and display controller.
For a selection of NXP LCD segment drivers, see Table 23.
2 Features and benefits
• Single chip LCD controller and driver with temperature range -40 °C to 85 °C
• Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
• Selectable display bias configuration: static, 1⁄2, or 1⁄3
• Internal LCD bias generation with buffers
• 40 segment drives:
– Up to 20 7-segment numeric characters
– Up to 10 14-segment alphanumeric characters
– Any graphics of up to 160 segments/elements
• Auto-incrementing display data and instruction loading
• Versatile blinking modes
• Independent supplies of VLCD and VDD
• Power supply ranges:
– 1.8 V to 5.5 V for VLCD
– 1.8 V to 5.5 V for VDD
• Ultra low-power consumption
• 400 kHz I2C-bus interface
• 5 MHz SPI-bus interface
• Internally generated or externally supplied clock signal
3 Applications
• Metering equipment
• Small appliances
• Consumer healthcare devices
• Battery operated devices
• Measuring equipment


Similar Part No. - PCF8553DTT/A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8551 NXP-PCF8551 Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551ATT/A NXP-PCF8551ATT/A Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551ATT/AJ NXP-PCF8551ATT/AJ Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551ATT/AY NXP-PCF8551ATT/AY Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551BTT/A NXP-PCF8551BTT/A Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
More results

Similar Description - PCF8553DTT/A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
40 Segment Static LCD Driver
logo
NXP Semiconductors
PCF8551 NXP-PCF8551 Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCA8551 NXP-PCA8551 Datasheet
664Kb / 53P
Automotive 36 횞 4 LCD segment driver
Rev. 3.1-3 May 2021
PCA8561 NXP-PCA8561 Datasheet
694Kb / 50P
Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCA8576F NXP-PCA8576F Datasheet
428Kb / 54P
Automotive 40 횞 4 LCD driver
Rev. 3-3 December 2014
PCE85176AUG NXP-PCE85176AUG Datasheet
395Kb / 48P
4 횞 40 LCD segment driver for Chip-On-Glass
Rev. 1-12 January 2015
PCA8553 NXP-PCA8553 Datasheet
667Kb / 52P
Automotive 40 횞 4 LCD segment driver
Rev. 4-1 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com