Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8553DTT/A
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8553DTT/A Datasheet HTML 6Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 7Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 8Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 9Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 10Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 11Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 12Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 13Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
• The address pointer is cleared (set to logic 0)
• The display and the internal oscillator are disabled
• The display registers are set to logic 0
Remark: The hardware reset overrides the POR see Section 7.3.2.
7.3.4 Command: Software_reset
The internal registers including the display registers and the address pointer (set to logic
0) of the device are reset by the Software_reset command.
Bit
Symbol
Value
Description
software reset
0000 0000[1]
no reset
7 to 0
SR[7:0]
0010 1100
software reset
Table 8. Software_reset - software reset command register (address 00h) bit
description
[1]
Default value.
7.4 Display data register mapping
The example in Table 9 and Figure 5 illustrates the segment and backplane mapping of
the display in relation to the display RAM.
For example, in 1:4 multiplex drive mode, the backplanes are served by signals COM0 to
COM3 and the segments are driven by signals SEG0 to SEG39. Contents of addresses
04h to 08h are allocated to the first row (COM0) starting with the LSB driving the leftmost
element and moving forward to the right with increasing bit position. If a bit is logic 0, the
element is off, if it is logic 1 the element is turned on. All register content is LSB to MSB
left to right. Addresses 09h to 0Dh serve COM1 signals, addresses 0Eh to 12h serve
COM2 signals, and addresses 13h to 17h serve COM3 signals.
For displays with fewer segments/elements the unused bits are ignored.
Segments
SEG0 to SEG7
SEG8 to SEG15
SEG16 to SEG23
SEG24 to SEG31
SEG32 to SEG39
Backplanes[1]
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
1:4 multiplex drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
COM1
content of 09h
content of 0Ah
content of 0Bh
content of 0Ch
content of 0Dh
COM2
content of 0Eh
content of 0Fh
content of 10h
content of 11h
content of 12h
COM3
content of 13h
content of 14h
content of 15h
content of 16h
content of 17h
1:3 multiplex drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
COM1
content of 09h
content of 0Ah
content of 0Bh
content of 0Ch
content of 0Dh
COM2
content of 0Eh
content of 0Fh
content of 10h
content of 11h
content of 12h
1:2 multiplex drive mode
Table 9. Register to segment and backplane mapping
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
10 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com