Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDELSS2.CC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # KWDELSS2.CC
Description  Cluster, Button Backlighting
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDELSS2.CC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button KWDELSS2.CC Datasheet HTML 3Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 4Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 5Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 6Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 7Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 8Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 9Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 10Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
KW DELSS2.CC
7 Version 1.0 | 2020-11-24
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
CCT
4U
0.4326 0.3801 2700
0.4373 0.3893 2700
0.4428 0.3906 2700
0.4379 0.3814 2700
4V
0.4379 0.3814 2700
0.4428 0.3906 2700
0.4483 0.3919 2700
0.4432 0.3826 2700
4W
0.4432 0.3826 2700
0.4483 0.3919 2700
0.4538 0.3931 2700
0.4485 0.3838 2700
4X
0.4485 0.3838 2700
0.4538 0.3931 2700
0.4593 0.3944 2700
0.4538 0.3850 2700
5U
0.4373 0.3893 2700
0.4420 0.3985 2700
0.4477 0.3998 2700
0.4428 0.3906 2700
5V
0.4428 0.3906 2700
0.4477 0.3998 2700
0.4534 0.4011 2700
0.4483 0.3919 2700
5W
0.4483 0.3919 2700
0.4534 0.4011 2700
0.4591 0.4025 2700
0.4538 0.3931 2700
5X
0.4538 0.3931 2700
0.4591 0.4025 2700
0.4648 0.4038 2700
0.4593 0.3944 2700
Group
Cx
Cy
CCT
6U
0.4420 0.3985 2700
0.4468 0.4077 2700
0.4526 0.4090 2700
0.4477 0.3998 2700
6V
0.4477 0.3998 2700
0.4526 0.4090 2700
0.4585 0.4104 2700
0.4534 0.4011 2700
6W
0.4534 0.4011 2700
0.4585 0.4104 2700
0.4644 0.4118 2700
0.4591 0.4025 2700
6X
0.4591 0.4025 2700
0.4644 0.4118 2700
0.4703 0.4132 2700
0.4648 0.4038 2700
7U
0.4468 0.4077 2700
0.4515 0.4168 2700
0.4576 0.4183 2700
0.4526 0.4090 2700
7V
0.4526 0.4090 2700
0.4576 0.4183 2700
0.4636 0.4197 2700
0.4585 0.4104 2700
7W
0.4585 0.4104 2700
0.4636 0.4197 2700
0.4697 0.4211 2700
0.4644 0.4118 2700
7X
0.4644 0.4118 2700
0.4697 0.4211 2700
0.4758 0.4225 2700
0.4703 0.4132 2700
Group
Cx
Cy
CCT
8U
0.4515 0.4168 2700
0.4562 0.4260 2700
0.4625 0.4275 2700
0.4576 0.4183 2700
8V
0.4576 0.4183 2700
0.4625 0.4275 2700
0.4688 0.4290 2700
0.4636 0.4197 2700
8W
0.4636 0.4197 2700
0.4688 0.4290 2700
0.4750 0.4304 2700
0.4697 0.4211 2700
8X
0.4697 0.4211 2700
0.4750 0.4304 2700
0.4813 0.4319 2700
0.4758 0.4225 2700
9U
0.4562 0.4260 2700
0.4609 0.4352 2700
0.4674 0.4367 2700
0.4625 0.4275 2700
9V
0.4625 0.4275 2700
0.4674 0.4367 2700
0.4739 0.4382 2700
0.4688 0.4290 2700
9W
0.4688 0.4290 2700
0.4739 0.4382 2700
0.4803 0.4398 2700
0.4750 0.4304 2700
9X
0.4750 0.4304 2700
0.4803 0.4398 2700
0.4868 0.4413 2700
0.4813 0.4319 2700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com