Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDELSS2.CC Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KWDELSS2.CC
Description  Cluster, Button Backlighting
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDELSS2.CC Datasheet(HTML) 2 Page - OSRAM GmbH

  KWDELSS2.CC Datasheet HTML 1Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 2Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 3Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 4Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 5Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 6Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 7Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 8Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
KW DELSS2.CC
2 Version 1.0 | 2020-11-24
Ordering Information
Type
Color temperature
Luminous Intensity 1)
Ordering Code
I
F = 30 mA
I
v
KW DELSS2.CC-BXCY-4U9X-46A8
2700 K
1800 ... 4500 mcd
Q65112A9449
KW DELSS2.CC-BXCY-4R9T-46A8
3000 K
1800 ... 4500 mcd
Q65112A9451
KW DELSS2.CC-BXCY-4O9Q-46A8
3500 K
1800 ... 4500 mcd
Q65112A9450
KW DELSS2.CC-BXCY-4L8N-46A8
4000 K
1800 ... 4500 mcd
Q65113A1206
KW DELSS2.CC-BXCY-4J8K-46A8
4500 K
1800 ... 4500 mcd
Q65113A1205
KW DELSS2.CC-BXCY-4H8I-46A8
5000 K
1800 ... 4500 mcd
Q65112A9448
KW DELSS2.CC-BXCY-4F8G-46A8
5700 K
1800 ... 4500 mcd
Q65112A9447
KW DELSS2.CC-BXCY-4C6E-46A8
6500 K
1800 ... 4500 mcd
Q65112A9446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com