Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDELSS2.CC Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KWDELSS2.CC
Description  Cluster, Button Backlighting
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDELSS2.CC Datasheet(HTML) 5 Page - OSRAM GmbH

  KWDELSS2.CC Datasheet HTML 1Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 2Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 3Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 4Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 5Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 6Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 7Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 8Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
KW DELSS2.CC
5 Version 1.0 | 2020-11-24
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 6)
I
F = 30 mA
I
F = 30 mA
I
F = 30 mA
min.
max.
typ.
I
v
I
v
Φ
V
BX
1800 mcd
2100 mcd
5850 mlm
BY
2100 mcd
2400 mcd
6750 mlm
BZ
2400 mcd
2800 mcd
7800 mlm
CX
2800 mcd
3300 mcd
9150 mlm
CY
3300 mcd
3900 mcd
10800 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 30 mA
I
F = 30 mA
min.
max.
V
F
V
F
46
2.90 V
3.20 V
A8
3.20 V
3.60 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com