Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDELSS2.CC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KWDELSS2.CC
Description  Cluster, Button Backlighting
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDELSS2.CC Datasheet(HTML) 1 Page - OSRAM GmbH

  KWDELSS2.CC Datasheet HTML 1Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 2Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 3Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 4Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 5Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 6Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 7Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 8Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
KW DELSS2.CC
1 Version 1.0 | 2020-11-24
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
KW DELSS2.CC
OSTUNE®
OSTUNE® is OSRAM Opto Semiconductors’ brand
family for automotive qualified LEDs offering superior
light quality for ambient white illumination.
OSTUNE® allows excellent color rendering by using
dedicated phosphors with high CRI from very cold
white to very warm white color temperatures.
Thanks to OSTUNE® E1608 customers benefit from
high quality of white at a very small package size.
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Interior Illumination (e.g. Ambient Map)
Features:
—
Package: white SMT package, colored diffused silicone resin
—
Chip technology: EPI_Sapphire
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.42, Cy = 0.39 acc. to CIE 1931 (● warm white)
—
Corrosion Robustness Class: 2B
—
Qualifications: AEC-Q102 Qualified
—
Color temperature: 2700K - 6500K
—
CRI: 90 (min.)
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Very small color and brightness bins
—
Supports single and multi light point applications (matrix)


Similar Part No. - KWDELSS2.CC

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
KWD-1205 POWER-SYSTEMS-KWD-1205 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWD-1205T POWER-SYSTEMS-KWD-1205T Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWD-1212 POWER-SYSTEMS-KWD-1212 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWD-1212T POWER-SYSTEMS-KWD-1212T Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWD-1215 POWER-SYSTEMS-KWD-1215 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - KWDELSS2.CC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
LGM670 OSRAM-LGM670 Datasheet
1Mb / 21P
Cluster, Button Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com