Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDELSS2.CC Datasheet(PDF) 14 Page - OSRAM GmbH

Part # KWDELSS2.CC
Description  Cluster, Button Backlighting
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDELSS2.CC Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button KWDELSS2.CC Datasheet HTML 10Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 11Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 12Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 13Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 14Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 15Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 16Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 17Page - OSRAM GmbH KWDELSS2.CC Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
KW DELSS2.CC
14 Version 1.0 | 2020-11-24
Forward current 6)
I
F = f(VF); TS = 25 °C
KW DELSS2.CC
2.52.6
2.83.0
3.23.4
3.6
VF /V
1
5
10
15
20
25
30
35
40
IF /mA
Relative Luminous Intensity 6), 7)
I
v/Iv(30 mA) = f(IF); TS = 25 °C
KW DELSS2.CC
IF /mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IV
IV(30mA)
: 2700 K
: 4000 K
: 6500 K
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TS = 25 °C
KW DELSS2.CC
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx - 2700 K
: ∆ Cy - 2700 K
: ∆ Cx - 4000 K
: ∆ Cy - 4000 K
: ∆ Cx - 6500 K
: ∆ Cy - 6500 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com