Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8655R-R-TL-H Datasheet(PDF) 4 Page - ON Semiconductor

Part # ECH8655R-R-TL-H
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8655R-R-TL-H Datasheet(HTML) 4 Page - ON Semiconductor

  ECH8655R-R-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECH8655R−R−TL−H
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. ID − VDS
Figure 4. ID − VGS
Figure 5. RDS(on) − VGS
Figure 6. RDS(on) − TA
Figure 7. YyfsY − ID
Figure 8. IS − VSD
VSD, Diode Forward Voltage (V)
ID, Drain Current (A)
VDS, Drain−to−Source Voltage (V)
VGS, Gate−to−Source Voltage (V)
TA, Ambient Temperature (5C)
9
8
7
6
5
4
3
2
1
0
0
0.1
0.2
0.3
0.4
0.5
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
35
30
25
20
15
10
5
0
0246
810
40
35
30
25
20
15
10
5
0
−50
0
50
100
150
200
10
7
5
3
2
1.0
0.1
2
3
5
7
1.0
2
3
5
7
10
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
0.01
7
5
3
2
0.001
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGS, Gate−to−Source Voltage (V)
1.5 V
2.5 V
VGS = 1 V
4.5 V
4 V
3.1 V
VDS = 10 V
TA = 75°C
25°C
−25°C
TA = 25°C
ID = 2 A
4.5 A
VGS = 2.5 V, ID = 2 A
VGS = 4 V, ID = 4.5 A
VGS = 4.5 V, ID = 4.5 A
VGS = 3.1 V, ID = 4.5 A
VDS = 10 V
75°C
25°C
TA = −25°C
VGS = 0 V
TA = 75°C
25°C
−25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com