Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8655R-R-TL-H Datasheet(PDF) 5 Page - ON Semiconductor

Part # ECH8655R-R-TL-H
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8655R-R-TL-H Datasheet(HTML) 5 Page - ON Semiconductor

  ECH8655R-R-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ECH8655R−R−TL−H
www.onsemi.com
5
Figure 9. SW Time − ID
Figure 10. VGS − Qg
Figure 11. ASO
Figure 12. PD − TA
ID, Drain Current (V)
TA, Ambinet Temperature (5C)
Qg, Total Gate Charge (nC)
VDS, Drain−to−Source Voltage (V)
7
5
3
2
1000
7
5
3
2
100
0.1
2
3
5
1.0
2
3
5
10
10
8
6
4
2
0
0
2
4
6
8
10
1214
16
1820
2
100
7
5
3
2
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
0.01
0.01 2
5
0.1
2
1.0
2
5
10
2
1.8
1.6
1.5
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
160
PW ≤ 10 ms
VDD = 10 V
VGS = 4 V
td(on)
tr
tf
td(off)
7
7
VDS = 10 V
ID = 9 V
3
IDP = 60 A
IDP = 9 A
Operation in this
area is limited by RDS(on)
TA = 25°C
Single pulse
When mounted on ceramic substrate
(900mm2 x 0.8 mm) 1 unit
35
7
3
73 5 7
When mounted on ceramic substrate
(900mm2 x 0.8 mm)
When mounted on ceramic substrate
(900mm2 x 0.8 mm)
Total Dissinpation
1 unit
Since the ECH8655R−R−TL−H is a MOSFET product, please avoid using this device in the vicinity of highly charged
objects.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com