Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8655R-R-TL-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # ECH8655R-R-TL-H
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8655R-R-TL-H Datasheet(HTML) 1 Page - ON Semiconductor

  ECH8655R-R-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2018 − Rev. 2
1
Publication Order Number:
ECH8655R/D
ECH8655R-R-TL-H
N-Channel Power MOSFET
24 V, 9 A, 16 mW, Dual ECH8
Features
• Low ON−resistance
• 2.5 V Drive
• Common−drain Type
• Protection Diode in
• Built−in Gate Protection Resistor
• Best Suited for LiB Charging and Discharging Switch
• This Device is Pb−Free and are RoHS Compliant
Product & Package Information
• Package:
ECH8
• JEITA, JEDEC:
−
• Minimum Packing Quantity:
3,000 Pcs./Reel
ECH8655R−R−TL−H
ECH8
Bottom View
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain
6 : Drain
7 : Drain
8 : Drain
0.3
0.65
4
1
0 to 0.02
5
8
0.15
2.9
TopView
Figure 1. Package Dimensions
Unit : mm (typ)
7011A−003
SOT−28FL / ECH8
CASE 318BF
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
GENERIC MARKING
DIAGRAM
TA
Lot No.
8765
1234
ELECTRICAL CONNECTION
PACKING TYPE: TL
TL


Similar Part No. - ECH8655R-R-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECH8655R-TL-H ONSEMI-ECH8655R-TL-H Datasheet
304Kb / 7P
N-Channel Power MOSFET
More results

Similar Description - ECH8655R-R-TL-H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com