Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8655R-R-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECH8655R-R-TL-H
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8655R-R-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  ECH8655R-R-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ECH8655R−R−TL−H
www.onsemi.com
2
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain−to−Source Voltage
VDSS
24
V
Gate−to−Source Voltage
VGSS
±12
V
Drain Current (DC)
ID
9
A
Drain Current (Pulse)
IDP
PW ≤ 10 ms, duty cycle ≤ 1%
60
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900 mm2 × 0.8 mm)
1 unit
1.4
W
Total Dissipation
PT
When mounted on ceramic substrate (900 mm2 × 0.8 mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS at TA = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Min
Typ
Max
Drain−to−Source Breakdown Voltage
V(BR)DSS
ID = 1 mA,
VGS = 0 V
24
V
Zero−Gate Voltage Drain Current
IDSS
VDS = 20 V,
VGS = 0V
1
mA
Gate−to−Source Leakage Current
IGSS
VGS = ±8 V,
VDS = 0 V
±10
mA
Cutoff Voltage
VGS(off)
VDS = 10 V,
ID = 1 mA
0.5
1.3
V
Forward Transfer Admittance
| yfs |
VDS = 10 V,
ID = 4.5 A
4.8
8
S
Static Drain−to−Source On−State
Resistance
RDS(on)1
ID = 4.5 A,
VGS = 4.5 V
10
13
16
mW
RDS(on)2
ID = 4.5 A,
VGS = 4.0 V
10.5
13.5
16.5
mW
RDS(on)3
ID = 4.5 A,
VGS = 3.1 V
11
15
20
mW
RDS(on)4
ID = 2 A,
VGS = 2.5 V
13
18
24
mW
Turn−ON Delay Time
td(on)
See specified
Test Circuit.
320
ns
Rise Time
tr
1100
ns
Turn−OFF Delay Time
td(off)
2400
ns
Fall Time
tf
2100
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com