Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8655R-R-TL-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8655R-R-TL-H
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8655R-R-TL-H Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8655R-R-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8655R-R-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8655R−R−TL−H
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS at TA = 25°C
Parameter
Unit
Ratings
Conditions
Symbol
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
Total Gate Charge
Qg
VDS = 10 V,
VGS = 10 V,
ID = 9 A
16.8
nC
Gate−to−Source Charge
Qgs
1.6
nC
Gate−to−Drain “Miller” Charge
Qgd
4.8
nC
Diode Forward Voltage
VSD
IS = 9 A,
VGS = 0 V
0.8
1.2
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Switching Time Test Circuit
Figure 2. Switching Time Test Circuit
4.5 V
0 V
VIN
VIN
VDD = 10 V
ID = 4.5 A
RL= 2.22 W
D
PW = 10 ms
D.C.≤ 1%
G
Rg
P.G
50 W
VOUT
ECH8655R
S
Rg= 1 kW
ORDERING INFORMATION
Device
Package
Shipping
Memo
ECH8655R−R−TL−H
ECH8
3,000 pcs./reel
Pb Free and Halogen Free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com