Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIO Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # USB2GPIO
Description  Pmod-Compatible Form Factor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIO Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button USB2GPIO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIO Datasheet HTML 8Page - Maxim Integrated Products USB2GPIO Datasheet HTML 9Page - Maxim Integrated Products USB2GPIO Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Maxim Integrated │ 6
www.maximintegrated.com
Evaluates: USB2GPIO
USB2GPIO# Adapter Board
USB2GPIO# Adapter Board Bill of Materials
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
C1
-
1
C0603C103K5RAC;
GRM188R71H103K;C06
03X7R500-103KNE
KEMET/MURATA/VENKEL LTD.
0.01UF
CAPACITOR; SMT; 0603;
CERAMIC; 0.01uF; 50V;
10%; X7R; -55degC to +
125degC
2
C2, C12, C14
-
3
GRM21BR71C475KA73 MURATA
4.7UF
CAPACITOR; SMT (0805);
CERAMIC CHIP; 4.7UF; 16V;
TOL=10%; MODEL=GRM
SERIES; TG=-55 DEGC TO
+125 DEGC; TC=X7R
3
C3, C4, C8, C13,
C15-C22, CX3B
-
13
C0603C104K5RAC;
C1608X7R1H104K
KEMET; TDK
0.1UF
CAPACITOR; SMT (0603);
CERAMIC CHIP; 0.1UF; 50V;
TOL=10%; TG=-55 DEGC TO
+125 DEGC; TC=X7R;
4
C5, C6
-
2
C0603C330J5GAC;
GRM1885C1H330JA01;
ECU-V1H330JCV
KEMET/MURATA/PANASONIC
33PF
CAPACITOR; SMT; 0603;
CERAMIC; 33pF; 50V; 5%;
C0G; -55degC to + 125degC;
0 +/-30PPM/degC
5
C7, CP1, CP5,
CX3A
-
4
CL21A106KOQNNN;
GRM21BR61C106KE15;
EMK212ABJ106KD
SAMSUNG ELECTRONICS;
MURATA; TAIYO YUDEN
10UF
CAPACITOR; SMT (0805);
CERAMIC CHIP; 10UF; 16V;
TOL=10%; TG=-55 DEGC TO
+85 DEGC; TC=X5R
6
CP2, CP6
-
2
C0805C226M9PAC;
GRM21BR60J226ME39;
JMK212BJ226MG;
CL21A226MQCLQN
GENERIC PART
22UF
CAPACITOR; SMT (0805);
CERAMIC CHIP; 22UF; 6.3V;
TOL=20%; TG=-55 DEGC TO
+125 DEGC; TC=X5R
7
CP3, CP7
-
2
C0603C102K5RAC;
GRM188R71H102KA01;
C0603X7R500-102KNE
KEMET/MURATA/VENKEL
1000PF
CAPACITOR; SMT; 0603;
CERAMIC; 1000pF; 50V;
10%; X7R; -55degC to +
125degC; +/-15% from -
55degC to +125degC
8
CP4, CP8
-
2
C0603C105K3PAC;
GRM188R61E105KA12;
06033D105KAT2A
KEMET; MURATA; AVX
1UF
CAPACITOR; SMT (0603);
CERAMIC CHIP; 1UF; 25V;
TOL=10%; TG=-55 DEGC TO
+85 DEGC;
9
FB1-FB3
-
3
BLM21PG331SN1
MURATA
330
INDUCTOR; SMT (0805);
FERRITE-BEAD; 330; TOL=+/-
25%; 1.5A
10
I2C, SPI
-
2
150060VS75000
WURTH ELECTRONICS INC
150060VS75000
DIODE; LED; WL-SMCW
SMD CHIP LED TOP VIEW
MONO-COLOR WATER
CLEAR; GREEN; SMT (0603);
VF=2V; IF=0.02A
11
L1, L2
-
2
B82432T1332K
TDK
3.3UH
INDUCTOR; SMT (1812);
FERRITE CORE; 3.3UH;
TOL=+/-10%; 0.9A
12
M1, M3
-
2
NTTFS5116PL
ON SEMICONDUCTOR
NTTFS5116PL
TRAN; POWER MOSFET;
PCH; WDFN8; PD-(40W); I-(-
20A); V-(-60V)
13
M2
-
1
SI2319DS-T1-E3
VISHAY SILICONIX
SI2319DS-T1-E3
TRAN; P-CHANNEL D-S
MOSFET; PCH; SOT-23;
PD-(0.75W); I-(-2.3A);
V-(-40V)
14
M4, M5
-
2
IRLML6346
INTERNATIONAL RECTIFIER
IRLML6346
TRAN; HEXFET POWER
MOSFET; NCH; SOT-23; PD-
(1.3W); I-(0.00025A); V-(30V)
15
MT1-MT4
-
4
P440.375
GENERIC PART
N/A
MACHINE SCREW;
SLOTTED; PAN; 4-40IN;
3/8IN; NYLON
16
MT1-MT4
-
4
1902B
GENERIC PART
N/A
STANDOFF; FEMALE-
THREADED; HEX; 4-40IN;
3/8IN; NYLON
17
Q1
-
1
ECS-120-20-33
ECS INC
12MHZ
CRYSTAL; SMT; 20PF;
12MHZ; +/-50PPM; +/-50PPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com