Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIO Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # USB2GPIO
Description  Pmod-Compatible Form Factor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIO Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button USB2GPIO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIO Datasheet HTML 8Page - Maxim Integrated Products USB2GPIO Datasheet HTML 9Page - Maxim Integrated Products USB2GPIO Datasheet HTML 10Page - Maxim Integrated Products USB2GPIO Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: USB2GPIO
USB2GPIO# Adapter Board
USB2GPIO# Adapter Board Bill of Materials (continued)
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
18
Q2, Q3
-
2
PMGD280UN
NXP
PMGD280UN
TRAN; DUAL N-CHANNEL
UTRENCHMOS ULTRA LOW
LEVEL FET; NCH; SOT-363;
PD-(0.4W); I-(0.87A); V-(20V)
19
R1, R9-R11, R16,
R17, RP3, RP4
-
8
CRCW060310K0FK;
ERJ-3EKF1002
VISHAY DALE; PANASONIC
10K
RESISTOR; 0603; 10K;
1%; 100PPM; 0.10W; THICK
FILM
20
R2
-
1
CRCW060315K0FK
VISHAY DALE
15K
RESISTOR, 0603,
15K OHM,1%, 100PPM,
0.10W, THICK FILM
21
R3
-
1
CRCW060312K1FK
VISHAY DALE
12.1K
RESISTOR; 0603;
12.1K OHM; 1%; 100PPM;
0.1W; THICK FILM
22
R4, R5
-
2
CRCW060310R0FK;
MCR03EZPFX10R0
VISHAY DALE/ROHM
10
RESISTOR; 0603;
10 OHM; 1%; 100PPM;
0.10W; THICK FILM
23
R6, R12-R15,
R18-R37, RAD9,
RAD10
-
27
CRCW040210K0FK;
RC0402FR-0710K
VISHAY DALE; YAGEO PHICOMP
10K
RESISTOR; 0402;
10K; 1%; 100PPM; 0.0625W;
THICK FILM
24
R7
-
1
CRCW04022K20FK;
RC0402FR-072K2L
VISHAY DALE/YAGEO PHICOMP
2.2K
RESISTOR, 0402,
2.2K OHM, 1%, 100PPM,
0.0625W, THICK FILM
25
RL1, RL2
-
2
ERJ-2GEJ471X
PANASONIC
470
RESISTOR; 0402;
470 OHM; 5%; 200PPM;
0.10W; THICK FILM
26
RP1, RP2
-
2
CRCW0603100RFK;
ERJ-3EKF1000
VISHAY DALE/PANASONIC
100
RESISTOR; 0603;
100 OHM; 1%; 100PPM;
0.10W; THICK FILM
27
U1
-
1
FT2232HQ
FUTURE TECHNOLOGY
DEVICES INTL LTD.
FT2232HQ
IC; MMRY; DUAL HIGH
SPEED USB TO
MULTIPURPOSE
UART/FIFO; QFN64-EP
28
U2, U4
-
2
MAX4983EEVB+
MAXIM
MAX4983EEVB+
IC; ASW; HI-SPEED
USB 2.0 SWITCH WITH +/-
15KV ESD; UTQFN10
29
U3
-
1
93LC66BT-I/OT
MICROCHIP
93LC66BT-I/OT
IC; EPROM; 4K
MICROWIRE SERIAL
EEPROM; SOT23-6
30
U5, U6
-
2
MAX1556ETB+
MAXIM
MAX1556ETB+
IC; CONV; PWM
STEP-DOWN DC-DC
CONVERTER; TDFN10-EP
3X3
31
X1
-
1
ZX62RD-AB-5P8
HIROSE ELECTRIC CO LTD.
ZX62RD-AB-5P8
CONNECTOR; MALE;
SMT; MICRO-USB
CONNECTOR MEETING
REQUIREMENTS OF USB
2.0 STANDARD; RIGHT
ANGLE; 5PINS
32
X2
-
1
PPTC102LJBN-RC
SULLINS ELECTRONICS CORP
PPTC102LJBN-RC
CONNECTOR; FEMALE;
THROUGH HOLE;
BREAKAWAY HEADER;
RIGHT ANGLE; 20PINS
33
X3
-
1
PPPC062LJBN-RC
SULLINS ELECTRONICS CORP.
PPPC062LJBN-RC
CONNECTOR; FEMALE;
THROUGH HOLE; 0.1IN CC;
HEADER; 2 ROW; RIGHT
ANGLE; 12PINS
34
PCB
-
1
USB2GPIO_APPS_B
MAXIM
PCB
PCB:USB2GPIO_APPS_B
-
TOTAL
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com