Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIO Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # USB2GPIO
Description  Pmod-Compatible Form Factor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIO Datasheet(HTML) 3 Page - Maxim Integrated Products

  USB2GPIO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIO Datasheet HTML 8Page - Maxim Integrated Products USB2GPIO Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: USB2GPIO
USB2GPIO# Adapter Board
Detailed Description of Hardware
The USB2GPIO# board uses the FT2232HQ (U1), a USB
2.0 high-speed (480Mbps)-to-UART/FIFO IC, to process
commands sent by a program running on the PC. Each
particular EV kit has its own custom software specific
to that kit. The operation of this board is USB-to-dual-
channel I2C and SPI engine with additional GPIO channels.
The subsystem block diagram and simplified power tree
are shown in Figure 3.
The VCCIO and +3.3V voltage supplies are generated
by two MAX1556ETBs (U5 and U6), 1.2A, highly efficient
PWM step-down DC-DC converters. The 5V supply volt-
age input for these ICs is provided by the Micro-USB
supply terminal available from the laptop. The 3V3 sup-
ply provides power to the FDTI chip’s VREGIN pin and
its internal oscillator through an LC filter, and the 4K
MICROWIRE EEPROM (93LC66BT). The USB-to-I2C/SPI
engine is powered by 3.3V at the VREGIN pin and the core
voltage of 1.8V for the IC is generated at VREGOUT. This
VCORE is used within the FTDI IC itself for its internal logic
processes and there is an external 12MHz crystal across
OSCI and OSCO pins of the FTDI IC. See USB2GPIO#
Adapter Board Schematic for details.
Pmod and Connector Supply Voltages
The USB2GPIO# is designed to supply power (V_OUT) to
external boards through the connectors X2 and X3. This
voltage is defined by the type of board connected to X3,
and when the user selects that tab in the Munich GUI,
V_OUT is automatically set to the correct level, either
1.8V, 2.5V, 3.3V, or 5.0V.
Figure 3. USB2GPIO# Subsystem Block Diagram
USB
FT2232HQ
U1
SWITCHES
MAX4983, U2, U4
DC-DC
MAX1556, U5
DC-DC
MAX1556, U6
12-PIN
X3
20-PIN
X2
+5V
VCCIO
+3V3
V_OUT
SPI/I2C
V_OUT
GPIO
SELE CT
VOLTAGE
OUTPUT
M1 - M5
V_OUT
VCCIO
+5V
M3
M1
VCCIO
+3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com