Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIO Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USB2GPIO
Description  Pmod-Compatible Form Factor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIO Datasheet(HTML) 1 Page - Maxim Integrated Products

  USB2GPIO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIO Datasheet HTML 8Page - Maxim Integrated Products USB2GPIO Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluates: USB2GPIO
USB2GPIO# Adapter Board
General Description
The USB2GPIO# adapter board is designed to work
with Maxim’s Munich GUI and to connect to various EV
kit or Pmod boards with Pmod™ compatible connectors
for I2C/SPI/GPIO communication to test and evaluate
different Maxim ICs. This document explains how the
USB2GPIO# adapter board receives commands from
a laptop through the USB to create an I2C/SPI/GPIO
interface. The Maxim USB2GPIO# board requires the
Munich GUI which can be downloaded from Maxim’s
website free of charge.
The USB2GPIO# design is powered directly from the USB
bus power (5V) and integrates two low-power, 1.2A, PWM
step-down DC-DC converters (MAX1556) to provide
programmable VCC voltages of 1.8V, 2.5V, 3.3V, or 5.0V.
A dual, high-speed, USB-to-multipurpose UART/FIFO IC
(FT2232HQ), high-speed USB switches (MAX4983), and
a 4K MICROWIRE-compatible serial EEPROM are the
other ICs on this adapter board.
USB2GPIO# is designed to supersede USB2PMB1# and
USB2PMB2# adapters and includes two connectors;
connector X3 is a 12-pin connector which supports either
I2C with 6 GPIO pins, or SPI with 4 GPIO pins, and is
fully compatible with previous adapters and low-pin count
EV kit or Pmod boards. This connector is controlled from
the Munich GUI. The addition of another connector, X2,
which is a 20-pin connector allows either 16 extra GPIO
connections or a second SPI port and 12 extra GPIO
connections. This 20-pin connector is NOT controlled by
Munich GUI but is for use with future EV kits and will be
controlled by the relevant EV kit GUIs.
This USB2GPIO# adapter board can be used to enable
USB-to-I2C/SPI interface for any Pmod-compatible plug-in
peripheral modules such as the Maxim MAX14001PMB#,
and MAXREFDES12 – Corona reference designs. In
addition, it can be ordered together as an evaluation
system (EV system) with different EV kits, such as
MAX14001EVKIT#. Note that an “EV system” is an EV kit
combined with an interface board, such as a USB2GPIO#
and EV kit GUI software. Ordering information for EV
systems is included in the EV kits’ corresponding data
sheet. Refer to the appropriate EV kit data sheet for quick
start and detailed operating instructions.
The USB2GPIO# has been tested on Windows® 7,
Windows 8, and Windows 10 system using Munich GUI,
Version 2.17 or later.
319-100131; Rev 0; 1/18
Ordering Information appears at end of data sheet.
Windows and Windows XP are registered trademarks and
registered service marks of Microsoft Corporation.
Pmod is a trademark of Digilent Inc.
Features
● USB-to-I2C/SPI/GPIO Interface
● Small PCB area
● Pmod-Compatible Form Factor
Figure 1. USB2GPIO# Board


Similar Part No. - USB2GPIO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
Low Propagation Delay 10ns, Typical
Rev 0; 4/18
More results

Similar Description - USB2GPIO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
modular EVM form factor
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
Compact form factor
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
Standard form factor
28-Nov-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com