Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIO Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # USB2GPIO
Description  Pmod-Compatible Form Factor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIO Datasheet(HTML) 2 Page - Maxim Integrated Products

  USB2GPIO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIO Datasheet HTML 8Page - Maxim Integrated Products USB2GPIO Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: USB2GPIO
USB2GPIO# Adapter Board
Quick Start
Required Equipment
● PC with Windows OS (Windows 7, Windows 8, or
Windows 10) with a USB port
● USB2GPIO# board
● A-to-Micro-B USB cable (not supplied)
● Munich software V2.17 or later
● Supported I2C or SPI interface device for communication
like MAX14001PMB# board
Procedure
The USB2GPIO# is fully assembled and tested. Follow
the steps below to verify board operation:
1) Go to
www.maximintegrated.com/evkitsoftware
to download the most recent version of the Munich
GUI software,
MUNICH GUI. Save the software to a
temporary folder and decompress the
Munich_GUI-
SetupV2.17.zip file.
2) Connect the USB cable between the USB2GPIO#
board and the PC; the USB driver is installed
automatically.
3) Ensure that the companion SPI interface device’s
jumper settings are correct. Refer to your companion
device’s documentation.
4) Connect the USB2GPIO# board’s 2 x 6-pin, right-
angle connector to the companion device’s 2 x 6-pin,
right-angle header, as shown in Figure 2.
5) Once the USB2GPIO# board is connected to the
companion device, open the
MUNICH GUI.exe
(double-click) software.
6) Start the Munich GUI software and select the tab
sheet that corresponds to the companion device.
Follow instructions in the companion device data
sheet to test it in conjunction with USB2GPIO#.
Figure 2. USB2GPIO# Board Connected with MAX14914PMB#



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com