Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXM17543EVKIT
Description  MAXM17543 in 3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXM17543EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Evaluates: MAXM17543 in 3.3V
Output-Voltage Application
MAXM17543 3.3V Output
Evaluation Kit
General Description
The MAXM17543 evaluation kit (EV kit) is a demonstration
circuit of MAXM17543 high-voltage, high-efficiency,
current-mode scheme, synchronous step-down DC-DC
switching power module. The EV kit is designed for a 3.3V
output and delivers up to 2.5A load current from a wide
input-voltage range of 4.5V to 42V. The EV kit switches at
an optimal 500kHz switching frequency to allow the use of
small component-sizes, helping to minimize solution-size
while maintaining high-performance. The EV kit provides
a precision-enable input, an open-drain RESET output
signal, and external frequency synchronization to provide
a simple and reliable startup sequence and eliminate beat
frequency between regulators. The EV kit also includes
optional component footprints to program different output
voltages, an adjustable input undervoltage-lockout, and a
soft-start time to control inrush current during startup. The
MAXM17543 IC data sheet provides a complete description
of the part and should be read in conjunction with this data
sheet prior to modifying the demonstration circuit.
Features
● Highly Integrated Solution with Integrated Shield
Inductor
● Wide 4.5V to 42V Input Range
● Preset 3.3V Output with a Fixed Resistor-Divider on
FB (Feedback Pin)
● Programmable Output-Voltage Feature (0.9V to 12V)
● Up to 2.5A Output Current
● High 91.2% Efficiency (VIN = 12V, VOUT = 3.3V at
0.74A)
● 500kHz Switching Frequency
● Enable/UVLO Input, Resistor-Programmable UVLO
Threshold
● Adjustable Soft-Start Time
● Selectable PWM, PFM, or DCM Mode
● Open-Drain RESET Output
● External Frequency Synchronization
● Overcurrent and Overtemperature Protection
● Low-Profile, Surface-Mount Components
● Lead(Pb)-Free and RoHS Compliant
● Fully Assembled and Tested
19-7616; Rev 0; 5/15
Ordering Information appears at end of data sheet.


Similar Part No. - MAXM17543EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
MAXM17543ALJ+T MAXIM-MAXM17543ALJ+T Datasheet
1Mb / 20P
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17543 MAXIM-MAXM17543_V01 Datasheet
1Mb / 20P
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
More results

Similar Description - MAXM17543EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
3.3V Output-Voltage Application
Rev 1; 2/14
MAX17503EVKITA MAXIM-MAX17503EVKITA Datasheet
751Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/13
MAX17574EVKITA MAXIM-MAX17574EVKITA Datasheet
1Mb / 10P
3.3V Output-Voltage Application
Rev 2; 5/18
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 10/14
MAX17543EVKITA MAXIM-MAX17543EVKITA Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17536EVKITA MAXIM-MAX17536EVKITA Datasheet
926Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17633AEVKIT MAXIM-MAX17633AEVKIT Datasheet
985Kb / 14P
3.3V Output-Voltage Application
Rev 1; 8/18
MAX17662BEVKITA MAXIM-MAX17662BEVKITA Datasheet
680Kb / 10P
MAX17662 in 3.3V Output-Voltage Application
Rev 1; 9/19
MAXM17545EVKIT MAXIM-MAXM17545EVKIT Datasheet
477Kb / 10P
MAXM17545 in 3.3V Output-Voltage Application
Rev 0; 5/15
MAXM17544EVKIT MAXIM-MAXM17544EVKIT Datasheet
487Kb / 10P
MAXM17544 in 3.3V Output-Voltage Application
Rev 0; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com