Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543EVKIT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXM17543EVKIT
Description  MAXM17543 in 3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543EVKIT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXM17543EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAXM17543 in 3.3V
Output-Voltage Application
MAXM17543 3.3V Output
Evaluation Kit
(VIN = 4.5V - 42V, VOUT = 3.3V, IOUT = 0 – 2.5A, TA = +25°C, unless otherwise noted.)
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V, PFM MODE
toc01
MODE = OPEN
VIN = 12V,
fSW = 500kHz
VIN = 24V,
fSW = 500kHz
VIN = 36V,
fSW = 500kHz
3
3.1
3.2
3.3
3.4
3.5
3.6
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
LOAD REGULATION
VOUT = 3.3V, PFM MODE
toc04
MODE = OPEN
VIN = 5.0V
fSW = 500kHz
VIN = 12V
fSW = 500kHz
VIN = 24V
fSW = 500kHz
VIN = 36V
fSW = 500kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V, PWM MODE
toc02
MODE = SGND
VIN = 12V,
fSW = 500kHz
VIN = 24V,
fSW = 500kHz
VIN =36V,
fSW = 500kHz
3
3.1
3.2
3.3
3.4
3.5
3.6
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
LOAD REGULATION
VOUT = 3.3V, PWM MODE
toc05
MODE = SGND
VIN = 5.0V
fSW = 500kHz
VIN = 12V
fSW = 500kHz
VIN = 24V
fSW = 500kHz
VIN = 36V
fSW = 500kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V, DCM MODE
toc03
MODE = VCC
VIN = 12V,
fSW = 500kHz
VIN = 24V,
fSW = 500kHz
VIN = 36V,
fSW = 500kHz
3
3.1
3.2
3.3
3.4
3.5
3.6
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
LOAD REGULATION
VOUT = 3.3V, DCM MODE
toc06
MODE = VCC
VIN = 5.0V
fSW = 500kHz
VIN = 12V
fSW = 500kHz
VIN = 24V
fSW = 500kHz
VIN = 36V
fSW = 500kHz
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com