Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXM17543EVKIT
Description  MAXM17543 in 3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXM17543EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAXM17543 in 3.3V
Output-Voltage Application
MAXM17543 3.3V Output
Evaluation Kit
Quick Start
Recommended Equipment
● MAXM17543 EV kit
● 4.5V to 42V DC power supply (VIN)
● Dummy load capable of sinking 2.5A
● Digital voltmeter (DVM)
● 100MHz dual-trace oscilloscope
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn on
the power supply until all connections are completed.
1) Set the power supply at a voltage between 4.5V and
42V. Disable the power supply.
2) Connect the positive and negative terminals of the
power supply to IN and PGND PCB pads, respectively.
3) Connect the positive and negative terminals of the
2.5A load to OUT and PGND2 PCB pads, respectively,
and set the load to 0A.
4) Connect the DVM across the OUT PCB pad and the
PGND2 PCB pad.
5) Verify that no shunts are installed across pin 1-2 on
jumper JU1 to enable UVLO (see Table 1 for details).
6) Verify that a shunt is installed across JU3 to disable
the external synchronization (see Table 3 for details).
7) Verify that a shunt is installed across JU2 to enable
PWM mode (see Table 2 for details).
8) Enable the input power supply.
9) Verify the DVM displays 3.3V.
10) Increase the load up to 2.5A to verify the DVM
continues displaying 3.3V.
Detailed Description of Hardware
The EV kit is a proven circuit to demonstrate the
high-voltage, high-efficiency, and compact solution-size
of the synchronous step-down DC-DC power module.
The output voltage is preset for 3.3V to operate from
4.5V to 42V and provides up to 2.5A load current.
The optimal frequency is set at 500kHz to maximize
efficiency and minimize component size. The EV kit
includes JU1 to enable/disable UVLO of the device, JU2
to configure in PWM, PFM, or DCM mode to improve
light-load efficiency, and JU3 to enable/disable external
clock synchronization (SYNC). The RESET PCB pad is
also available for monitoring output-voltage regulation
to enable/disable the application circuit of the load. The
electrolytic capacitor (C8) is required only when the VIN
power supply is situated far from the MAXM17543 circuit.
When R4 is open, the device switches at 500kHz switching
frequency. On the bottom layer, additional footprints of
optional components are included to allow for easy board
modification for different input/output configurations.
Soft-Start Input (SS)
The device utilizes an adjustable soft-start function to
limit inrush current during startup. The soft-start time is
programmed by the value of the external capacitor from
SS to GND (C1). The selected output capacitance (CSEL)
and the output voltage (VOUT) determine the minimum
value of C1, as shown by the following equation:
3
SEL
OUT
C1 28 10
C
V
≥×
×
×
where C1 is in nF and CSEL is in µF
The soft-start time (tSS) is calculated by the equation below:
SS
t
C1/ 5.55
=
where tSS is in ms and C1 is in nF.
Programmable Undervoltage-Lockout (UVLO)
The EV kit offers an adjustable-input, undervoltage-lock-
out level by resistor-dividers connected between the IN,
EN/UVLO, and GND pins. For normal operation, a shunt
should not be installed across pins 1-2 on JU1 to enable
the output through an internal pullup 3.3MΩ resistor from
the EN/UVLO pin to the IN pin. To disable the output,
install the shunt across pins 1-2 on JU1 to pull EN/UVLO
pin to GND. See Table 1 for JU1 jumper setting details.
The EV kit also provides an optional R3 PCB footprint
to program a UVLO threshold voltage at which an input-
voltage level device turns on. The R3 resistor can be
calculated by the following equation:
INU
4009.5
R3
(V
1.215)
=
where VINU is the input voltage at which the device is
required to turn on, and R3 unit is in kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com