Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543EVKIT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXM17543EVKIT
Description  MAXM17543 in 3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543EVKIT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXM17543EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAXM17543 in 3.3V
Output-Voltage Application
MAXM17543 3.3V Output
Evaluation Kit
(VIN = 4.5V - 42V, VOUT = 3.3V, IOUT = 0 – 2.5A, TA = +25°C, unless otherwise noted.)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 3.3V, IOUT = 1.25A–2.5A,
MODE = SGND
1A/div
toc10
200µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 3.3V, IOUT = 0.05A–1.25A,
MODE = OPEN
1A/div
toc07
200µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 3.3V, IOUT = 0.05A–1.25A,
MODE = SGND
1A/div
toc08
200µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 3.3V, IOUT = 0.05A 1.25A,
MODE = VCC
1A/div
toc09
200µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
–
-150
-120
-90
-60
-30
0
30
60
90
120
150
1k
10k
100k
1Meg
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10.00
20.00
30.00
40.00
50.00
FREQUENCY (Hz)
CLOSED-LOOP BODE PLOT
VIN = 24V, VOUT = 3.3V, IOUT = 2.5A,
MODE = SGND
GAIN
toc11
PHASE
CROSSOVER FREQUENCY = 49.7kHz
PHASE MARGIN = 66.2°
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com