Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXM17543EVKIT
Description  MAXM17543 in 3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXM17543EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17543EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAXM17543 in 3.3V
Output-Voltage Application
MAXM17543 3.3V Output
Evaluation Kit
Mode Selection (MODE)
The device’s MODE pin can be used to select among the
PWM, PFM, or DCM modes of operation in advance of
constant frequency or high efficiency at light load. The
logic state of the MODE pin is latched when the VCC and
EN/UVLO voltage exceed the respective UVLO rising
thresholds and all internal voltages are ready to allow LX
switching. The changes on the MODE pin are ignored
during normal operation. Refer to the MAXM17543 IC
data sheet for more information on the PWM, PFM, and
DCM modes of operation. Table 2 shows EV kit jumper
settings that can be used to configure the desired mode
of operation.
External Clock Synchronization (SYNC)
The internal oscillator of the device can be synchronized
to an external clock signal to eliminate beat frequency
between regulators through the SYNC pin. The external
synchronization clock frequency must be between 1.1fSW
to 1.4fSW, where FSW is the frequency of operation set
by R5. The minimum external clock high pulse width and
amplitude should be greater than 50ns and 2.1V, respectively.
The minimum external clock low pulse width should be
greater than 160ns, and the maximum external clock
low pulse amplitude should be less than 0.8V. Table 3
describes the connection of the SYNC pin.
Setting VOUT with a Resistive Voltage-Divider
at FB
The EV kit is preset for 3.3V and offers an adjustable
output voltage range as low as 0.9V up to 12V at 2.5A
maximum load. The adjustable output voltage can be
programmed by the set of resistor dividers R1 and R2.
Refer to the Table 1 (Selection Component Values) on
the MAXM17543 datasheet to select optimal component
values for each specific input voltage range from 4.5V
up to 42V and an output voltage from 0.9V up to 12V. To
obtain a different output voltage other than default setting
outputs in Table 1, only six component (R1, R2, C1, C2,
C3, and C8) values are needed to modify the equation
that described in the Setting the Output Voltage section in
the MAXM17543 IC data sheet.
Table 3. SYNC Description (JU3)
Table 2. MODE Description (JU2)
Default position.
Default position.
Table 1. UVLO Enable/Disable
Configuration (JU1)
Default position.
SHUNT
POSITION
SYNC PIN
MAXM17543_SYNC
1-2*
Connected to
SGND
SYNC feature unused
Not installed
Connected to test
loop on PCB
Frequency can be
synchronized with an
external clock
SHUNT
POSITION
MODE PIN
MAXM17543_ MODE
Not installed
Unconnected
PFM mode of operation
1-2
Connected to VCC DCM mode of operation
2-3*
Connected to GND PWM mode ofoperation
SHUNT
POSITION
EN PIN
MAXM17543_
OUTPUT
Installed
Connected to GND
Disable
Not installed*
Connected to VIN
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com