Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 11Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 12Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 13Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 14Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 15Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 16Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 17Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 18Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 166 page
background image
Modules List
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
15
PRE1
PRE2
PRE3
PRE4
Prefetch/Resolve
Engine
Multimedia
Peripherals
The PRE includes the Resolve engine, Prefetch engine, and Store engine
3 blocks.The PRE key features are:
The Resolve engine supports:
• GPU 32bpp 4x4 standard tile, 4x4 split tile, 4x4 super tile, 4x4 super
split tile format.
• GPU 16bpp 8x4 standard tile, 8x4 split tile, 8x4 super tile, 8x4 super
split format.
• 32/16x4 block mode and scan mode.
The prefetch engine supports:
• Transfer of non-interleaved YUV422(NI422), non-interleaved
YUV420(NI420), partial interleaved YUV422(PI422), and partial
interleaved YUV420(PI420), inputs to interleaved YUV422.
• Vertical flip function both in block mode and scan mode. In block mode,
vertical flip function should complete with TPR module enable.
• 8bpp, 16bpp, 32bpp and 64bpp data format as generic data.
• Transfer of non-interleaved YUV444(NI444), input to interleaved
YUV444 output.
The store Engine supports: 4/8/16 lines handshake modes with PRG.
PRG1
PRG2
Prefetch/Resolve
Gasket
Multimedia
Peripherals
The PRG is a digital core function which works as a gasket interface
between the fabric and the IPU system. The primary function is to re-map
the ARADDR from a frame-based address to a band-based address
depending on the different ARIDs. The PRG also implements the
handshake logic with the Prefetch Resolve Engine (PRE).
PMU
Power-Management
Functions
Data Path
Integrated power management unit. Used to provide power to various
SoC domains.
PWM-1
PWM-2
PWM-3
PWM-4
Pulse Width
Modulation
Connectivity
Peripherals
The pulse-width modulator (PWM) has a 16-bit counter and is optimized
to generate sound from stored sample audio images and it can also
generate tones. It uses 16-bit resolution and a 4x16 data FIFO to generate
sound.
RAM
16 KB
Secure/non-secure
RAM
Secured
Internal
Memory
Secure/non-secure Internal RAM, interfaced through the CAAM.
RAM
512 KB
Internal RAM
Internal
Memory
Internal RAM, which is accessed through OCRAM memory controllers.
ROM
96 KB
Boot ROM
Internal
Memory
Supports secure and regular Boot Modes. Includes read protection on 4K
region for content protection
SATA
Serial ATA
Connectivity
Peripherals
The SATA controller and PHY is a complete mixed-signal IP solution
designed to implement SATA II, 3.0 Gbps HDD connectivity.
Table 2. i.MX 6DualPlus/6QuadPlus Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com