Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 25Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 26Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 27Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 31Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 32Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
29
STOP_ON
• Arm LDO set to 0.9 V
• SoC and PU LDOs set to 1.225 V
• HIGH LDO set to 2.5 V
• PLLs disabled
• DDR is in self refresh
VDD_ARM_IN (1.4 V)
7.5
mA
VDD_SOC_IN (1.4 V)
22
mA
VDD_HIGH_IN (3.0 V)
3.7
mA
Total
52
mW
STOP_OFF
• Arm LDO set to 0.9 V
• SoC LDO set to 1.225 V
• PU LDO is power gated
• HIGH LDO set to 2.5 V
• PLLs disabled
• DDR is in self refresh
VDD_ARM_IN (1.4 V)
7.5
mA
VDD_SOC_IN (1.4 V)
13.5
mA
VDD_HIGH_IN (3.0 V)
3.7
mA
Total
41
mW
STANDBY
• ARM and PU LDOs are power gated
• SoC LDO is in bypass
• HIGH LDO is set to 2.5 V
• PLLs are disabled
• Low voltage
• Well Bias ON
• Crystal oscillator is enabled
VDD_ARM_IN (0.9 V)
0.1
mA
VDD_SOC_IN (1.05 V)
13
mA
VDD_HIGH_IN (3.0 V)
3.7
mA
Total
22
mW
Deep Sleep Mode
(DSM)
• ARM and PU LDOs are power gated
• SoC LDO is in bypass
• HIGH LDO is set to 2.5 V
• PLLs are disabled
• Low voltage
• Well Bias ON
• Crystal oscillator and bandgap are disabled
VDD_ARM_IN (0.9 V)
0.1
mA
VDD_SOC_IN (1.05 V)
2
mA
VDD_HIGH_IN (3.0 V)
0.5
mA
Total
3.4
mW
SNVS Only
• VDD_SNVS_IN powered
• All other supplies off
• SRTC running
VDD_SNVS_IN (2.8V)
41
μA
Total
115
μW
1 The typical values shown here are for information only and are not guaranteed. These values are average values measured
on a worst-case wafer at 25
°C.
Table 9. Stop Mode Current and Power Consumption (continued)
Mode
Test Conditions
Supply
Typical1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com