Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 13Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 14Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 15Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 16Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 17Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 18Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 19Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 20Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 166 page
background image
Modules List
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
17
TEMPMON
Temperature Monitor System
Control
Peripherals
The temperature monitor/sensor IP module for detecting high temperature
conditions. The temperature read out does not reflect case or ambient
temperature. It reflects the temperature in proximity of the sensor location
on the die. Temperature distribution may not be uniformly distributed;
therefore, the read out value may not be the reflection of the temperature
value for the entire die.
TZASC
Trust-Zone Address
Space Controller
Security
The TZASC (TZC-380 by Arm) provides security address region control
functions required for intended application. It is used on the path to the
DRAM controller.
UART-1
UART-2
UART-3
UART-4
UART-5
UART Interface
Connectivity
Peripherals
Each of the UARTv2 modules support the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable parity (even, odd
or none)
• Programmable baud rates up to 5 MHz
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting auto-baud
• IrDA 1.0 support (up to SIR speed of 115200 bps)
• Option to operate as 8-pins full UART, DCE, or DTE
USBOH3A
USB 2.0 High Speed
OTG and 3x HS
Hosts
Connectivity
Peripherals
USBOH3 contains:
• One high-speed OTG module with integrated HS USB PHY
• One high-speed Host module with integrated HS USB PHY
• Two identical high-speed Host modules connected to HSIC USB ports.
Table 2. i.MX 6DualPlus/6QuadPlus Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com