Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 47Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 48Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 49Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 50Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
47
4.7.3
LVDS I/O AC Parameters
The differential output transition time waveform is shown in Figure 6.
Figure 6. Differential LVDS Driver Transition Time Waveform
Table 32 shows the AC parameters for LVDS I/O.
4.7.4
MLB 6-Pin I/O AC Parameters
The differential output transition time waveform is shown in Figure 7.
Single output slew rate, measured between
Vol(ac) and Voh(ac)
tsr
Driver impedance =
34
Ω
2.5
—
5
V/ns
Skew between pad rise/fall asymmetry +
skew caused by SSN
tSKD
clk = 533 MHz
——
0.1
ns
1 Note that the JEDEC JESD79_3C specification supersedes any specification in this document.
2 Vid(ac) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the “true” input signal and Vcp is
the “complementary” input signal. The Minimum value is equal to Vih(ac) – Vil(ac).
3 The typical value of Vix(ac) is expected to be about 0.5 × OVDD. and Vix(ac) is expected to track variation of OVDD. Vix(ac)
indicates the voltage at which differential input signal must cross.
Table 32. I/O AC Parameters of LVDS Pad
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential pulse skew1
1 t
SKD = | tPHLD –tPLHD |, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
tSKD
Rload = 100
Ω,
Cload = 2 pF
—
—
0.25
ns
Transition Low to High Time2
2 Measurement levels are 20–80% from output voltage.
tTLH
——
0.5
Transition High to Low Time2
tTHL
——
0.5
Operating Frequency
f
—
—
600
800
MHz
Offset voltage imbalance
Vos
—
—
—
150
mV
Table 31. DDR I/O DDR3/DDR3L Mode AC Parameters1 (continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
padp
padn
VDIFF
0V (Differential)
VDIFF = {padp} - {padn}
tTLH
20%
80%
20%
80%
tTHL
VOH
VOL
0V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com