Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 6Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 7Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 8Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 9Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 10Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 11Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 12Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 13Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
10
NXP Semiconductors
Modules List
3
Modules List
The i.MX 6DualPlus/6QuadPlus processors contain a variety of digital and analog modules. Table 2
describes these modules in alphabetical order.
Table 2. i.MX 6DualPlus/6QuadPlus Modules List
Block
Mnemonic
Block Name
Subsystem
Brief Description
512 x 8 Fuse
Box
Electrical Fuse Array Security
Electrical Fuse Array. Enables to setup Boot Modes, Security Levels,
Security Keys, and many other system parameters.
The i.MX 6DualPlus/6QuadPlus processors consist of 512x8-bit fuse box
accessible through OCOTP_CTRL interface.
APBH-DMA
NAND Flash and
BCH ECC DMA
Controller
System
Control
Peripherals
DMA controller used for GPMI2 operation.
Arm
Arm Platform
Arm
The Arm Cortex-A9 platform consists of 4x (four) Cortex-A9 cores version
r2p10 and associated sub-blocks, including Level 2 Cache Controller,
SCU (Snoop Control Unit), GIC (General Interrupt Controller), private
timers, Watchdog, and CoreSight debug modules.
ASRC
Asynchronous
Sample Rate
Converter
Multimedia
Peripherals
The Asynchronous Sample Rate Converter (ASRC) converts the
sampling rate of a signal associated to an input clock into a signal
associated to a different output clock. The ASRC supports concurrent
sample rate conversion of up to 10 channels of about -120dB THD+N. The
sample rate conversion of each channel is associated to a pair of
incoming and outgoing sampling rates. The ASRC supports up to three
sampling rate pairs.
AUDMUX
Digital Audio Mux
Multimedia
Peripherals
The AUDMUX is a programmable interconnect for voice, audio, and
synchronous data routing between host serial interfaces (for example,
SSI1, SSI2, and SSI3) and peripheral serial interfaces (audio and voice
codecs). The AUDMUX has seven ports with identical functionality and
programming models. A desired connectivity is achieved by configuring
two or more AUDMUX ports.
BCH40
Binary-BCH ECC
Processor
System
Control
Peripherals
The BCH40 module provides up to 40-bit ECC error correction for NAND
Flash controller (GPMI).
CAAM
Cryptographic
Accelerator and
Assurance Module
Security
CAAM is a cryptographic accelerator and assurance module. CAAM
implements several encryption and hashing functions, a run-time integrity
checker, and a Pseudo Random Number Generator (PRNG). The pseudo
random number generator is certified by Cryptographic Algorithm
Validation Program (CAVP) of National Institute of Standards and
Technology (NIST). Its DRBG validation number is 94 and its SHS
validation number is 1455.
CAAM also implements a Secure Memory mechanism. In i.MX
6DualPlus/6QuadPlus processors, the security memory provided is 16
KB.
CCM
GPC
SRC
Clock Control
Module, General
Power Controller,
System Reset
Controller
Clocks,
Resets, and
Power Control
These modules are responsible for clock and reset distribution in the
system, and also for the system power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com