Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17225 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAXM17225
Description  Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17225 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAXM17225 Datasheet HTML 5Page - Maxim Integrated Products MAXM17225 Datasheet HTML 6Page - Maxim Integrated Products MAXM17225 Datasheet HTML 7Page - Maxim Integrated Products MAXM17225 Datasheet HTML 8Page - Maxim Integrated Products MAXM17225 Datasheet HTML 9Page - Maxim Integrated Products MAXM17225 Datasheet HTML 10Page - Maxim Integrated Products MAXM17225 Datasheet HTML 11Page - Maxim Integrated Products MAXM17225 Datasheet HTML 12Page - Maxim Integrated Products MAXM17225 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower
Boost Module with True Shutdown
MAXM17225
www.maximintegrated.com
Maxim Integrated | 9
Detailed Description
The MAXM17225 is a nanoPower, ultra-low-IQ (300nA) boost module offered in a tiny eMGA package. The IC is
guaranteed to startup with voltages as low as 0.88V and post startup, the input voltage VIN can go down to 0.4V making
it ideal for battery-operated devices that undergo voltage discharge over time. Its ultra-low quiescent current of 300nA
prolongs battery life and extends product lifetime as well. The IC accepts input voltage from 0.4V to 5.5V and boosts it up
to programmable output voltages from 1.8V to 5V. The output voltage is set using a single external resistor (RSEL). The
product has a maximum efficiency of 95%. The module is well suited for a host of applications like battery-operated
devices, portable electronics where step-up conversion is needed in space constrained enclosures while demanding high
efficiency. A true shutdown disconnects the input from the output, conserving battery life. The IC has an integrated 1µH
inductor chosen for optimized operation, stability, and efficiency. Guaranteed Boost VOUT regulation for 250mV separation
between input and output voltages while driving heavy loads. A single external selectable resistor (RSEL) for VOUT setting
reduces quiescent current consumption in comparison with a conventional resistor feedback divider string. The
MAXM17225 has a fixed maximum 300ns switch turn-on time and peak inductor current limit of 1A. The IC auto-transitions
between the ULPM, LPM, and HP operating modes based on load current, enabling better system transient response
and efficiency. All these powerful features are packed in a tiny 10-lead eMGA package offering the end designer an
efficient tool to design products.
Integrated Inductor
A 1μH integrated inductor is used in MAXM17225 boost module. The chosen inductor (Murata part# DFE201610E-1R0M
= P2), offers optimized stability across the product operation range.
True Shutdown
The MAXM17225’s true shutdown feature has the following advantages:
• Eliminates the body diode conduction of high-side P-channel MOSFET synchronous rectifier.
• Draws zero current in forward/reverse direction from IN/OUT.
• VOUT can be pulled high without bootstrapping into VIN source.
Output Voltage Selection
The MAXM17225 has a unique single-resistor output selection method known as RSEL. At startup, the MAXM17225 uses
up to 200μA only during the select resistor detection time, typically for 600μs, to read the RSEL value. RSEL has many
benefits, which include lower cost and smaller size, and only one resistor is needed versus the two-resistor string in
conventional resistor divider feedback connections. Another benefit is RSEL allows customers to stock just one part in
their inventory system and use it in multiple projects with different output voltages just by changing a single standard 1%
resistor. Lastly, RSEL eliminates wasting current continuously through feedback resistors for ultralow-power battery-
operated products. Select the RSEL resistor value for the desired output voltage as shown in the RSEL Selection Table.
RSEL Selection Table
The MAXM17225 includes an RSEL pin to configure the output voltage. Resistors with a tolerance of 1% (or better) should
be chosen. See Output Voltage vs. corresponding RSEL resistor table below.
VOUT (V)
NOMINAL RESISTANCE RSEL (kΩ) - 1%
1.8
OPEN
1.9
909
2.0
768
2.1
634
2.2
536
2.3
453
2.4
383
2.5
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com