Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17225 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAXM17225
Description  Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17225 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAXM17225 Datasheet HTML 6Page - Maxim Integrated Products MAXM17225 Datasheet HTML 7Page - Maxim Integrated Products MAXM17225 Datasheet HTML 8Page - Maxim Integrated Products MAXM17225 Datasheet HTML 9Page - Maxim Integrated Products MAXM17225 Datasheet HTML 10Page - Maxim Integrated Products MAXM17225 Datasheet HTML 11Page - Maxim Integrated Products MAXM17225 Datasheet HTML 12Page - Maxim Integrated Products MAXM17225 Datasheet HTML 13Page - Maxim Integrated Products MAXM17225 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower
Boost Module with True Shutdown
MAXM17225
www.maximintegrated.com
Maxim Integrated | 13
PCB Layout Considerations
Use large PCB copper areas for high current paths, including VIN, GND, and VOUT. The connection from the bottom of the
output capacitor and the ground pin of the device must be extremely short, as should be that of the input capacitor. Keep
the main power path from IN, OUT and GND, as tight and as short as possible. Connect the INS (Input Sense) pin directly
to the input capacitor with a short trace. Bring out test points for IN, OUT for easy probing and debugging. Refer to the
MAXM17225 EV kit datasheet for suggestive PCB layout.
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PIN PACKAGE
FEATURES
MAXM17225AMB+T
-40°C to +125°C
10-lead eMGA package
(2.1mm x 2.6mm, 0.5mm pitch)
1.8V to 5V resistor-selectable output
voltage using RSEL pin
+ Denotes a lead (Pb)-free/RoHS-compliant package.
T = Tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com