Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17225 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXM17225
Description  Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17225 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXM17225 Datasheet HTML 6Page - Maxim Integrated Products MAXM17225 Datasheet HTML 7Page - Maxim Integrated Products MAXM17225 Datasheet HTML 8Page - Maxim Integrated Products MAXM17225 Datasheet HTML 9Page - Maxim Integrated Products MAXM17225 Datasheet HTML 10Page - Maxim Integrated Products MAXM17225 Datasheet HTML 11Page - Maxim Integrated Products MAXM17225 Datasheet HTML 12Page - Maxim Integrated Products MAXM17225 Datasheet HTML 13Page - Maxim Integrated Products MAXM17225 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower
Boost Module with True Shutdown
MAXM17225
www.maximintegrated.com
Maxim Integrated | 11
Figure 1 and Figure 2 show typical waveforms while in each mode. ULPM is used when the system is in standby or an
ultra-low-power state. LPM and HPM are useful for sensitive sensor measurements or during wireless communications
for medium output currents and large output currents, respectively. The user can calculate the value of the load current
where ULPM transitions to LPM using the equation below. For example, for VIN = 1.5V, VOUT = 3V, and L = 1µH, the
ULPM to LPM transition current happens at approximately 3.28mA. The MAXM17225 enters HPM when the inductor
current transitions from DCM to CCM.
IOUT_ TRANSITION = (300ns x 300ns / 2L) x [ VIN /{(VOUT/VIN)-1}] x (Ƞ/17.5µs)
= (300ns x 300ns / 2 x 1µH) x [1.5V/{(3V/1.5V)-1}] x (0.85/17.5µs) = 3.28mA
VOUT TARGET
VOUT TARGET - LOAD REG
VOUT TARGET + 2.5%
ULTRA-LOW-POWER MODE (ULPM): LIGHT LOADS
HIGH-POWER MODE (HPM): HEAVY LOADS
VOUT
TIME
LOAD DEPENDENT
LOW-POWER MODE (LPM): MEDIUM LOADS
CCM
DCM
DCM
17.5us
750ns
5us
Figure 1. ULPM, LPM, and HPM waveforms
VOUT TARGET
VOUT TARGET - LOAD REG
VOUT TARGET + 2.5%
ULTRA-LOW-POWER MODE (ULPM): LIGHT LOADS
HIGH-POWER MODE (HPM): HEAVY LOADS
VOUT
TIME
LOAD DEPENDENT
LOW-POWER MODE (LPM): MEDIUM LOADS
CCM
DCM
DCM
17.5us
650ns
100ms
7us
Figure 2. ULPM, LPM, and HPM waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com