Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17225 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXM17225
Description  Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17225 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXM17225 Datasheet HTML 6Page - Maxim Integrated Products MAXM17225 Datasheet HTML 7Page - Maxim Integrated Products MAXM17225 Datasheet HTML 8Page - Maxim Integrated Products MAXM17225 Datasheet HTML 9Page - Maxim Integrated Products MAXM17225 Datasheet HTML 10Page - Maxim Integrated Products MAXM17225 Datasheet HTML 11Page - Maxim Integrated Products MAXM17225 Datasheet HTML 12Page - Maxim Integrated Products MAXM17225 Datasheet HTML 13Page - Maxim Integrated Products MAXM17225 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower
Boost Module with True Shutdown
MAXM17225
www.maximintegrated.com
Maxim Integrated | 12
VIN > VOUT, VIN ≈ VOUT Operation
If the input voltage (VIN) is greater than the output voltage (VOUT) by a diode drop (VDIODE varies from ~0.2V at light load
to ~0.7V at heavy load), then the output voltage is clamped to a diode drop below the input voltage (i.e., VOUT = VIN -
VDIODE). When the input voltage is closer to the output voltage target (i.e., VOUT TARGET + VDIODE > VIN > VOUT TARGET),
the MAXM17225 operates like a buck converter with higher output voltage ripple.
In boost mode, if VIN and VOUT separation is 250mV or lesser, it is suggested to have a higher output capacitance than
the recommended 1x10µF to reduce the output voltage ripple. The exact capacitance value depends on the application
need and acceptable voltage ripple in the application. In most cases, 2x10µF will be more than sufficient.
Soft-Start
The MAXM17225 initiates a controlled soft-start in the event that a supply voltage is reapplied at a high dV/dt rate, a
typical example is during the installation of a fresh battery. While in regulation, if VIN steps abruptly above VOUT for more
than 1V (typ), the device resets. The output voltage droop, in this case, will be a function of the load current, output
capacitance, and time required for soft-start to complete, which is 1.5ms (typ). The IC has 3 slew rate routines, which the
internal advanced algorithm auto-chooses based on the converter state, those are linear ramp of VOUT with time called
linear slew up, the second one is open loop low voltage oscillation (this is uncontrolled), and the last one is the linear
slewing where the synchronous rectifier acts as a current source controlling the ramp up.
Applications Information
Input Capacitor
The input capacitor (CIN) reduces the peak current drawn from battery or input power source and reduces the switching
noise in the module. The impedance of CIN at the switching frequency should be very low. Ceramic capacitors are
recommended for their small size and low ESR. For most applications, use a 10µF ceramic capacitor with X7R
temperature characteristics, making it suitable for 125°C module operation. While choosing capacitor dielectric other than
X7R, keep a check on % capacitance change across temperature. It is also recommended to check the DC bias curves
to determine the minimum effective capacitance at the application voltage for the rated capacitance value chosen. X5R
capacitor can also be used if the worst-case capacitor surface temperature in the product at worst-case operating
temperature is well below 85°C.
Output Capacitor
The output capacitor (COUT) is required to keep the output voltage ripple small and to ensure loop stability. COUT must
have low impedance at the switching frequency. Ceramic capacitors are recommended due to their small size and low
ESR. Make sure the capacitor does not degrade its capacitance significantly over temperature and DC bias. Capacitors
with X7R temperature characteristics typically perform well. X5R can also be chosen if the worst-case capacitor surface
temperature is well below 85°C. For most applications, it is recommended to use a 10µF X7R ceramic output capacitor.
Enable Input
The MAXM17225 has a separate enable pin to enable/disable the device. The typical falling voltage threshold for enable
is 0.5V, and likewise, the rising voltage threshold at device startup is 0.6V at room temp. When EN and IN are tied
together, the enable threshold of the device can interfere with product operation as VIN drops below 550mV, preventing
the device from reaching its minimum specification (i.e., VIN_MIN) of 400mV. In such cases, it is recommended to use an
external enable, independent of VIN and external VEN level must be higher than device VEN threshold to ensure the device
operates as low as 400mV VIN, post startup.
RSEL Considerations
The single RSEL external resistor used for VOUT selection needs some considerations. The trace parasitic capacitance
from RSEL pin to external resistor should be less than 2pF to facilitate an accurate resistance read at device startup. The
typical resistor read time is 600µs at device startup, and this happens only once. A minimum of 1.8V at VOUT is needed
for internal ADC to accurately read the resistance value and configure the VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com