Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17225 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXM17225
Description  Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17225 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXM17225 Datasheet HTML 6Page - Maxim Integrated Products MAXM17225 Datasheet HTML 7Page - Maxim Integrated Products MAXM17225 Datasheet HTML 8Page - Maxim Integrated Products MAXM17225 Datasheet HTML 9Page - Maxim Integrated Products MAXM17225 Datasheet HTML 10Page - Maxim Integrated Products MAXM17225 Datasheet HTML 11Page - Maxim Integrated Products MAXM17225 Datasheet HTML 12Page - Maxim Integrated Products MAXM17225 Datasheet HTML 13Page - Maxim Integrated Products MAXM17225 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower
Boost Module with True Shutdown
MAXM17225
www.maximintegrated.com
Maxim Integrated | 10
VOUT (V)
NOMINAL RESISTANCE RSEL (kΩ) - 1%
2.6
267
2.7
226
2.8
191
2.9
162
3.0
133
3.1
113
3.2
95.3
3.3
80.6
3.4
66.5
3.5
56.2
3.6
47.5
3.7
40.2
3.8
34
3.9
28
4.0
23.7
4.1
20
4.2
16.9
4.3
14
4.4
11.8
4.5
10
4.6
8.45
4.7
7.15
4.8
5.9
4.9
4.99
5.0
SHORT TO GND
PFM Control Scheme
The MAXM17225 utilizes a fixed on-time, current-limited, pulse-frequency-modulation (PFM) control scheme that allows
ultra-low quiescent current and high efficiency over a wide output current range. The inductor current is limited by the 1A
peak current limit or by the 300ns switch maximum on-time. During each switch ON cycle, either the maximum on-time
or the maximum current limit is reached before the off-time of the cycle begins. The MAXM17225 PFM control scheme
allows for both continuous-conduction mode (CCM) or discontinuous-conduction mode (DCM). When the error
comparator senses that the output voltage has fallen below the regulation threshold, another cycle begins. See the
MAXM17225 Simplified Block Diagram.
To increase efficiency, MAXM17225 incorporates a unique PFM control scheme wherein the converter auto-transitions
into different operating modes based on load current to be delivered. Ultra-low-power mode (ULPM) for very light load
currents of order of a few µAs. In ULPM, the output voltage, by design, is over-regulated to 2.5% higher than target VOUT
so that it can more easily weather a future large load transient. In this mode, the converter switches at a rate of 17.5µs.
As load current demand rises to a 0.1-
10’s of mAs (mode-transition is again VIN and VOUT separation, load current
dependent), the converter switches into LPM (low-power mode) wherein the converter always switches faster than 17.5µs.
Finally for high cu
rrents of the order of a few 10’s to 100’s of mA the converter operates in high-power mode (continuous-
conduction mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com