Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79JC Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79R79JC
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79JC Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79R79JC Datasheet HTML 12Page - Advanced Micro Devices AM79R79JC Datasheet HTML 13Page - Advanced Micro Devices AM79R79JC Datasheet HTML 14Page - Advanced Micro Devices AM79R79JC Datasheet HTML 15Page - Advanced Micro Devices AM79R79JC Datasheet HTML 16Page - Advanced Micro Devices AM79R79JC Datasheet HTML 17Page - Advanced Micro Devices AM79R79JC Datasheet HTML 18Page - Advanced Micro Devices AM79R79JC Datasheet HTML 19Page - Advanced Micro Devices AM79R79JC Datasheet HTML 20Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SLIC Products
17
APPLICATION CIRCUIT
Note:
The input should be 50% duty cycle CMOS-compatible input.
I. Application Circuit
+5 V
VNEG
VCC
RD
RD
VTX
RSN
RRX
RDC1
RDC2
CDCR
RT1
RDC
–5 V
VBAT1
DET
D1
BGND
RYOUT1
RTRIP2
RTRIP1
BAT1
VBAT2
VTX
VRX
B2EN
D2
BAT2
0.1 µF
RYOUT2
C1
C2
C3
D1
D2
E1
RDCR1
RDCR
AGND/
DGND
RSLEW
CSLEW
RINGIN
RSGH
RSGL
RSGL
RSGH
RRT1
RRT2
CRT
1.5 µF
66 k
Ω
12 k
Ω
515 k
Ω
open
50 k
Ω
50 k
Ω
15 k
Ω
150 k
Ω
0.33 µF
See Note.
250 k
Ω
0.1 µF
RYE
open
125 k
Ω
125 k
Ω
CDC
RDCR2
15 k
Ω
820 nF
CT
RT2
10 nF
Assumptions:
1. 1.25 CF
2. 25 mA ILOOP
3. 100 mA Ringing Current Limit
4. 5.2 k
Ω High Battery Loop Threshold
5. 925
Ω Ringing Loop Threshold
6. 600
Ω Two-wire Impedance,
600
Ω ZL
BATTERY
GROUND
ANALOG
GROUND
DIGITAL
GROUND
7. G42L = 1
8. –70 V Vbat1, –24 V Vbat2
HPB
HPA
A(TIP)
B(RING)
Bat1
TISP
61089
CAX = 2.2 nF
K1
K1
K2
K2
G
RFA = 50 Ω
RFB = 50 Ω
A
A
CBX = 2.2 nF
CHP
18 nF
TIP
RING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com