Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79JC Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79R79JC
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79JC Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79R79JC Datasheet HTML 12Page - Advanced Micro Devices AM79R79JC Datasheet HTML 13Page - Advanced Micro Devices AM79R79JC Datasheet HTML 14Page - Advanced Micro Devices AM79R79JC Datasheet HTML 15Page - Advanced Micro Devices AM79R79JC Datasheet HTML 16Page - Advanced Micro Devices AM79R79JC Datasheet HTML 17Page - Advanced Micro Devices AM79R79JC Datasheet HTML 18Page - Advanced Micro Devices AM79R79JC Datasheet HTML 19Page - Advanced Micro Devices AM79R79JC Datasheet HTML 20Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Am79R79 Data Sheet
TEST CIRCUITS (continued)
+5 V
H. Am79R79 Test Circuit
VNEG
VCC
RD
RD
VTX
RSN
RRX
RDC1
RDC2
CDC
RT
RDC
–5 V
VBAT1
DET
D1
BGND
RYOUT1
HPB
CHP
HPA
RTRIP2
RTRIP1
A(TIP)
B(RING)
BAT1
VBAT2
2.2 nF
2.2 nF
VTX
VRX
B2EN
D2
BAT2
A(TIP)
B(RING)
0.1 µF
RYOUT2
C1
C2
C3
D1
D2
E1
RDCR
RDCR
AGND/
DGND
RSLEW
CSLEW
RINGIN
RSGH
RSGL
RSGL
RSGH
RRT1
RRT2
CRT
1.5 µF
75 k
Ω
12 k
Ω
430 k
Ω
open
20 k
Ω
80 k
Ω
2.0 k
Ω
100 k
Ω
1.2 µF
0.33 µF
See note below.
CAX
CBX
18 nF
300 k
Ω
300 k
Ω
0.1 µF
RYE
open
Note:
The input should be 50% duty cycle CMOS-compatible input.
Note:
Refer to Applications Circuit for
recommended configuration.
BATTERY
GROUND
ANALOG
GROUND
DIGITAL
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com