Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79JC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79R79JC
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79JC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79R79JC Datasheet HTML 8Page - Advanced Micro Devices AM79R79JC Datasheet HTML 9Page - Advanced Micro Devices AM79R79JC Datasheet HTML 10Page - Advanced Micro Devices AM79R79JC Datasheet HTML 11Page - Advanced Micro Devices AM79R79JC Datasheet HTML 12Page - Advanced Micro Devices AM79R79JC Datasheet HTML 13Page - Advanced Micro Devices AM79R79JC Datasheet HTML 14Page - Advanced Micro Devices AM79R79JC Datasheet HTML 15Page - Advanced Micro Devices AM79R79JC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Am79R79 Data Sheet
DC FEED CHARACTERISTICS
IL (mA)
0
30
50
VAB
(Volts)
2) VASL
3) VAPPL
40
30
20
10
5) VAPPH
4) VASH
Figure 1. Typical VAB vs. IL DC Feed Characteristics
Notes:
1. Constant-current region:
where
2. Low battery
where RSGL = resistor to GND, B2EN = logic Low.
Anti-sat region:
where RSGL = resistor to VCC, B2EN = logic Low.
RSGL to VCC must be greater than 100 kΩ.
3.
4. High battery
Anti-sat region:
where RSGH = resistor to GND, B2EN = logic High.
where RSGH = resistor to VCC, B2EN = logic High.
RSGH to VCC must be greater than 100 kΩ.
5.
R
DC
R
DC1
R
DC 2
20 k
Ω 80 kΩ 100 kΩ
=
+
=
+
=
V
BAT1
75 V V
BAT 2
24 V
–
=
,
–
=
()
V
AB
I
LRL
2500
RDC
-------------R
L;
==
R
L
R
L
=2R
F,
+
V
ASL
1000
104
10
3
•
R
SGL
+
()
•
6720
10
3
•
80
R
SGL
•
()
+
------------------------------------------------------------------;
=
V
ASL
1000
R
SGL
56
10
3
•
–
()
•
6720
10
3
•
80
R
SGL
•
()
+
---------------------------------------------------------------;
=
V
APPL
4.17
V
ASL
+
=
I
LOOPL
V
APPL
R
DC 1
R
DC2
+
()
600
--------------------------------------
2R
F
R
LOOP
++
-------------------------------------------------------------------------------
=
V
ASH
V
ASHH
V
ASL
+
=
V
ASHH
1000
70
10
3
•
R
SGH
+
()
•
1934
10
3
•
31.75
R
SGH
•
()
+
-----------------------------------------------------------------------;
=
V
ASHH
1000
R
SGH
2.75
10
3
•
+
()
•
1934
10
3
•
31.75
R
SGH
•
()
+
-----------------------------------------------------------------------;
=
V
APPH
4.17
V
ASH
+
=
I
LOOPH
V
APPH
R
DC1
R
DC2
+
()
600
--------------------------------------
2R
F
R
LOOP
++
-------------------------------------------------------------------------------
=
High Battery Anti-Sat
Low Battery Anti-Sat
1) Constant-Current Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com