Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79JC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79R79JC
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79JC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79R79JC Datasheet HTML 9Page - Advanced Micro Devices AM79R79JC Datasheet HTML 10Page - Advanced Micro Devices AM79R79JC Datasheet HTML 11Page - Advanced Micro Devices AM79R79JC Datasheet HTML 12Page - Advanced Micro Devices AM79R79JC Datasheet HTML 13Page - Advanced Micro Devices AM79R79JC Datasheet HTML 14Page - Advanced Micro Devices AM79R79JC Datasheet HTML 15Page - Advanced Micro Devices AM79R79JC Datasheet HTML 16Page - Advanced Micro Devices AM79R79JC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SLIC Products
13
RING-TRIP COMPONENTS
where RLRT = Loop-detection threshold resistance for ring trip and CF = Crest factor of ringing signal (≈ 1.25)
RSLEW, CSLEW
Ring waveform rise time
≈ 0.214 • (RSLEW • CSLEW) ≈ tr.
For a 1.25 crest factor @ 20 Hz, tr
≈ 10 mS.
∴ (RSLEW = 150 kΩ, CSLEW = 0.33 µF.)
CSLEW should be changed if a different crest factor is desired.
R
RT2
12 k
Ω
=
C
RT
1.5
µF
=
R
RT1
320
CF
V
BAT1
Vbat
5
–
24
µA320 CF
R
LRT
150
2R
F
++
()
•
•
•
()
–
-------------------------------------------------------------------------------------------------------------------------------------
•
•
R
LRT
150
2R
F
++
()
•
=
0
A(TIP)
Battery
Figure 2. Ringing Waveforms
B(RING)
This is the best time for
switching between Ringing
and other states for minimizing
detect switching transients.
Ringing Reference
(Input to RSLEW)
A
B
IL
RSN
RDC
RDC2
RDC1
CDC
SLIC
RL
a
b
Feed current programmed by RDC1 and RDC2
Figure 3. Feed Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com