Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79JC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79R79JC
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79JC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79R79JC Datasheet HTML 4Page - Advanced Micro Devices AM79R79JC Datasheet HTML 5Page - Advanced Micro Devices AM79R79JC Datasheet HTML 6Page - Advanced Micro Devices AM79R79JC Datasheet HTML 7Page - Advanced Micro Devices AM79R79JC Datasheet HTML 8Page - Advanced Micro Devices AM79R79JC Datasheet HTML 9Page - Advanced Micro Devices AM79R79JC Datasheet HTML 10Page - Advanced Micro Devices AM79R79JC Datasheet HTML 11Page - Advanced Micro Devices AM79R79JC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Am79R79 Data Sheet
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Line Characteristics
IL, Loop-current accuracy
IL in constant-current region, B2EN = 0 0.915IL
IL
1.085IL
mA
IL, Long loops, Active state
RLDC = 600 Ω, RSGL = open
20
21.7
RLDC = 750 Ω, RSGL = short
20
IL, Accuracy, Standby state
0.8IL
IL
1.2IL
IL = constant-current region
TA = 25°C
18
27
39
–40°C to +85°C
18
27
4
ILLIM
Active, A and B to ground
55
110
OHT, A and B to ground
55
4
IL, Loop current, Open Circuit state
RL = 0
100
µA
IA, Pin A leakage, Tip Open state
RL = 0
100
IB, Pin B current, Tip Open state
B to ground
34
mA
VA, Standby, ground-start signaling
A to –48 V = 7 k
Ω,
B to ground = 100
Ω
–7.5
–5
V
4
VAB, Open Circuit voltage
42.8
8
Power Supply Rejection Ratio (VRIPPLE = 100 mVrms), Active Normal State
VCC
50 Hz to 3400 Hz
33
50
dB
5
VNEG
50 Hz to 3400 Hz
30
40
VBAT1
50 Hz to 3400 Hz
30
50
VBAT2
50 Hz to 3400 Hz
30
50
Power Dissipation
On hook, Open Circuit state
VBAT1
48
100
mW
On hook, Standby state
VBAT2
55
80
10
On hook, OHT state
VBAT1
200
300
On hook, Active state
VBAT1
220
350
Off hook, Standby state
VBAT1 or VBAT2
RL = 300 Ω
2000
2800
10
Off hook, OHT state
VBAT1
RL = 300 Ω
2000
2200
Off hook, Active state
VBAT2
RL = 300 Ω
550
750
Supply Currents
ICC,
Open Circuit state
3.0
4.5
mA
On-hook VCC supply current
Standby state
3.2
5.5
OHT state
6.2
8.0
Active state–normal
6.5
9.0
INEG,
Open Circuit state
0.1
0.2
On-hook VNEG supply current
Standby state
0.1
0.2
OHT state
0.7
1.1
Active state–normal
0.7
1.1
IBAT,
Open Circuit state
0.45
1.0
On-hook VBAT supply current
Standby state
0.6
1.5
OHT state
2.0
4.0
Active state–normal
2.7
5.0
I
L
V
BAT1
10V
–
R
L
400
+
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com