Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P6SMB
Description  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P6SMB Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rating And Characteristic Curves (TA=25℃ unless otherwise noted)
Figure 1 – Peak Pulse Power Rating
Figure 2 – Pulse Derating Curve
Figure 3 – Pulse Waveform
Figure 4 – Typical Junction Capacitance
Uni- Directional
Figure 5 – Steady State Power Derating Curve
Figure 6 – Maximum Non-Repetitive
Forward Surge Current
P6SMBSeries 6
Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com