Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P6SMB
Description  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P6SMB Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
P6KE PART NUMBER
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM
IR(µA)
P6SMB6.
8A
P6SMB6.8
CA
5.8
6.45
7.14
10
10.5
58.1
1000
P6SMB7.
5A
P6SMB7.5
CA
6.4
7.13
7.88
10
11.3
54
500
P6SMB8.
2A
P6SMB8.2
CA
7.02
7.79
8.61
10
12.1
50.4
200
P6SMB9.
1A
P6SMB9.1
CA
7.78
8.65
9.55
1
13.4
45.5
50
P6SMB10
A
P6SMB10
CA
8.55
9.5
10.5
1
14.5
42.1
10
P6SMB11
A
P6SMB11
CA
9.4
10.5
11.6
1
15.6
39.1
5
P6SMB12
A
P6SMB12
CA
10.2
11.4
12.6
1
16.7
36.5
5
P6SMB13
A
P6SMB13
CA
11.1
12.4
13.7
1
18.2
33.5
5
P6SMB15
A
P6SMB15
CA
12.8
14.3
15.8
1
21.2
28.8
5
P6SMB16
A
P6SMB16
CA
13.6
15.2
16.8
1
22.5
27.1
5
P6SMB18
A
P6SMB18
CA
15.3
17.1
18.9
1
25.5
24.2
5
P6SMB20
A
P6SMB20
CA
17.1
19
21
1
27.7
22
5
P6SMB22
A
P6SMB22
CA
18.8
20.9
23.1
1
30.6
19.9
5
P6SMB24
A
P6SMB24
CA
20.5
22.8
25.2
1
33.2
18.4
5
P6SMB27
A
P6SMB27
CA
23.1
25.7
28.4
1
37.5
16.3
5
P6SMB30
A
P6SMB30
CA
25.6
28.5
31.5
1
41.4
14.7
5
P6SMB33
A
P6SMB33
CA
28.2
31.4
34.7
1
45.7
13.3
5
P6SMB36
A
P6SMB36
CA
30.8
34.2
37.8
1
49.9
12.2
5
P6SMB39
A
P6SMB39
CA
33.3
37.1
41
1
53.9
11.3
5
P6SMB43
A
P6SMB43
CA
36.8
40.9
45.2
1
59.3
10.3
5
P6SMB47
A
P6SMB47
CA
40.2
44.7
49.4
1
64.8
9.4
5
P6SMB51
A
P6SMB51
CA
43.6
48.5
53.6
1
70.1
8.7
5
P6SMB56
A
P6SMB56
CA
47.8
53.2
58.8
1
77
7.9
5
P6SMB62
A
P6SMB62
CA
53
58.9
65.1
1
85
7.2
5
P6SMB68
A
P6SMB68
CA
58.1
64.6
71.4
1
92
6.6
5
P6SMB75
A
P6SMB75
CA
64.1
71.3
78.8
1
103
5.9
5
P6SMB82
A
P6SMB82
CA
70.1
77.9
86.1
1
113
5.4
5
P6SMBSeries 6
Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com