Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P6SMB
Description  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P6SMB Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Soldering Parameters
Flow/Wave Soldering(Solder Dipping)
Peak Temperature:
260℃
Dipping Time:
10 seconds
Soldering:
1 time
Dimensions
`
Inches
Millimeters
Dimension
MIN
MAX
MIN
MAX
A
0.134
0.155
3.40
3.94
B
0.205
0.22
5.21
5.59
C
0.075
0.083
1.90
2.11
D
0.166
0.185
4.22
4.70
E
0.036
0.056
0.91
1.42
F
0.073
0.087
1.85
2.2
G
0.002
0.008
0.05
0.20
H
0.077
0.094
1.95
2.40
J
0.043
0.053
1.09
1.35
K
0.008
0.014
0.20
0.35
L
0.039
0.049
0.99
1.24
-Temperature Min(Ts(min))
150℃
-Temperature Max(Ts(min))
200℃
Pre
Heat
-Time(min to max)(ts)
60-180 secs
Average ramp up rate liquidus
Temp (TL) to peak
3℃/second max
TS(max)to TL-ramp-up Rate
3℃/second max
-Temperature
(TL)(Liquidus)
217℃
Reflow
-Time(min to max)(ts)
60-150 seconds
Peak Temperature(TP)
260+0/-5℃
Time within 5℃ of actual peak
Temperature(tp)
20-40 seconds
Ramp-down Rate
6℃/second max
Time 25℃ to peak Temperature
(TP)
8minutes Max.
Do not exceed
280℃
A
C
D
B
H
K
E
J
F
L
G
.079
(2.0)
.079
(2.0)
0.110
(2.8)
P6SMBSeries 6
Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com