Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P6SMB
Description  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P6SMB Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The P6SMB series is designed specifically to
protectsensitive electronic equipment from voltage
transients induced by lightning and other transient
voltage events.
DO-214AA(SMB)
Features
For surface mounted applications
Reliable low cost construction utilizing molded plastic technique
Plastic package has UL flammability classification 94V-O
Typical IR less than 1uA above 13V
Glass passivated chip junction in DO-15 Package
600W peak pulse capability at 10*1000us waveform,repetition rate (duty cycles):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to BV min
Maximum Ratings and Electrical Characteristics (TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
TA=25℃ by 10x1000μs waveform (Fig.1)(Note 1)
PPPM
600
W
Power Dissipation on infinite heat sink at TA=75℃
PD
5.0
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Unidirectional only(Note 2)
IFSM
100
A
Maximum Instantaneous Forward Voltage at 50A for
Unidirectional only (Note 3)
VF
3.5V/5.0
V
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to 175
℃
Typical Thermal Resistance Junction to Lead
RuJL
20
℃/W
Typical Thermal Resistance Junction to Ambient
RuJA
75
℃/W
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave
for unidirectional device only.
3. VF < 3.5V for devices of VBR ≤ 200V and VF< 5.0V for devicesof VBR ≥ 201V.
Applications
Tvsdevices are ideal for the protection of I/O interfaces,Vcc bus and other vulnerable
circuits uded in telecom, computer,industrial and consumer electronic applications.
AEC -Q101 qualified.
AEC -Q101 qualified.
P6SMBSeries 6
Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
1/6


Similar Part No. - P6SMB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB Datasheet
69Kb / 4P
Surface Mount Transient Voltage Suppressor
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
P6SMB VISHAY-P6SMB Datasheet
112Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
logo
Littelfuse
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
Transient Voltage Suppression Diodes
More results

Similar Description - P6SMB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
S-6AJ LEIDITECH-S-6AJ Datasheet
921Kb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com