Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P6SMB
Description  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P6SMB Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P6SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics
P6KE PART NUMBER
UNI-POLAR
BI-POLAR
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V) MIN.
@IT
BREAKDOWN
VOLTAGE
VBR(V) MAX.
@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE @Ipp
Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM
IR(µA)
P6SMB91A
P6SMB91CA
77.8
86.5
95.5
1
125
4.9
5
P6SMB100A
P6SMB100CA
85.5
95
105
1
137
4.5
5
P6SMB110A
P6SMB110CA
94
105
116
1
152
4
5
P6SMB120A
P6SMB120CA
102
114
126
1
165
3.7
5
P6SMB130A
P6SMB130CA
111
124
137
1
179
3.4
5
P6SMB150A
P6SMB150CA
128
143
158
1
207
2.9
5
P6SMB160A
P6SMB160CA
136
152
168
1
219
2.8
5
P6SMB170A
P6SMB170CA
145
162
179
1
234
2.6
5
P6SMB180A
P6SMB180CA
154
171
189
1
246
2.5
5
P6SMB200A
P6SMB200CA
171
190
210
1
274
2.2
5
P6SMB220A
P6SMB220CA
185
209
231
1
328
1.9
5
P6SMB250A
P6SMB250CA
214
237
263
1
344
1.8
5
P6SMB300A
P6SMB300CA
256
285
315
1
414
1.5
5
P6SMB350A
P6SMB350CA
300
332
368
1
482
1.3
5
P6SMB400A
P6SMB400CA
342
380
420
1
548
1.1
5
P6SMB440A
P6SMB440CA
376
418
462
1
602
1
5
P6SMB480A
P6SMB480CA
408
456
504
1
658
0.9
5
P6SMB510A
P6SMB510CA
434
485
535
1
698
0.9
5
P6SMB530A
P6SMB530CA
477
503.5
556.5
1
725
0.8
5
P6SMB540A
P6SMB540CA
459
513
567
1
740
0.8
5
P6SMB550A
P6SMB550CA
495
522.5
577.5
1
760
0.8
5
For bidirectional type having VRWM of 10 volts and less, the IR limit is double.
For parts without A (VBR is ± 10% and VC is 5% higher than with A parts).
P6SMBSeries 6
Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
4/6
P6SMB600A
P6SMB600CA
512
570
630
1
828
0.75
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com